Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD438C-S46 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PD438C-S46
Description  4.8mm Semi-Lens Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD438C-S46 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PD438C-S46 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD438C-S46 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD438C-S46 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD438C-S46 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD438C-S46 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD438C-S46 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD438C-S46 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 3 of 7
Device No:DPD-043-061
Prepared date:07-20-2005
Prepared by:Jaine Tsai
PD438C/S46
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Rang of Spectral
Bandwidth
λ0.5
-----
400
---
1100
nm
Wavelength of Peak
Sensitivity
λp
-----
---
940
---
nm
Open-Circuit Voltage
VOC
Ee=5m W/cm
2
λp=940nm
---
0.35
---
V
Short- Circuit Current
ISC
Ee=1m W/cm
2
λp=940nm
---
18
---
Reverse Light Current
IL
Ee=1m W/cm
2
λp=940nm
VR=5V
10.2
18
---
μA
Dark Current
Id
Ee=0m W/cm
2
VR=10V
---
5
30
nA
Reverse Breakdown
BVR
Ee=0m W/cm
2
IR=100μA
32
170
---
V
Total Capacitance
Ct
Ee=0m W/cm
2
VR=3V
f=1MHZ
---
25
---
pF
Rise/Fall Time
tr/tf
VR=10V
RL=1KΩ
---
50/50
---
nS


Similar Part No. - PD438C-S46

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD438C EVERLIGHT-PD438C Datasheet
120Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
More results

Similar Description - PD438C-S46

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPDLP04SCAA3 EVERLIGHT-EAPDLP04SCAA3 Datasheet
302Kb / 8P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B EVERLIGHT-PD438B Datasheet
125Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA5 EVERLIGHT-EAPDLP04SCAA5 Datasheet
390Kb / 9P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-C1 EVERLIGHT-PD438B-C1 Datasheet
125Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA1 EVERLIGHT-EAPDLP04SCAA1 Datasheet
359Kb / 8P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-S46 EVERLIGHT-PD438B-S46 Datasheet
121Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438C EVERLIGHT-PD438C Datasheet
120Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA4 EVERLIGHT-EAPDLP04SCAA4 Datasheet
349Kb / 8P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-C2 EVERLIGHT-PD438B-C2 Datasheet
124Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-L1 EVERLIGHT-PD438B-L1_05 Datasheet
126Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com