Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT204-6B Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # PT204-6B
Description  3mm Phototransistor T-1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT204-6B Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  PT204-6B_06 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT204-6B_06 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT204-6B_06 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT204-6B_06 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT204-6B_06 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT204-6B_06 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT204-6B_06 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 7
Device No:CDPT-020-022
Prepared date:2006/4/6
Prepared by:zhouhong
0
-25
20
40
50
0
25
85
75
100
60
80
100
20
0
0
40
10
20
30
60
50
70
100
60
40
80
140
120
160
2
0.01
0.5
1
1.5
2
3
0.1
1
10
100
C
1100
800
0
700
0.2
0.4
900
1000
1300
Ta=25
0.6
0.8
1.0
C
PT204-6B
Typical Electro-Optical Characteristics Curves
Fig.1Collector Power Dissipation vs.
Fig.2 Spectral Sensitivity
Ambient Temperature
Fig.3 Relative Collector Current vs.
Fig.4 Collector Current vs.
Ambient Temperature
Irradiance


Similar Part No. - PT204-6B_06

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT204-6B EVERLIGHT-PT204-6B Datasheet
166Kb / 7P
   3mm Phototransistor T-1
More results

Similar Description - PT204-6B_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT204-6C ETC1-PT204-6C Datasheet
159Kb / 7P
   3mm Phototransistor T-1
logo
Everlight Electronics C...
EAPLP03RDAA0 EVERLIGHT-EAPLP03RDAA0 Datasheet
314Kb / 8P
   3mm Phototransistor T-1
PT202B EVERLIGHT-PT202B Datasheet
186Kb / 7P
   3mm Phototransistor,T-1
PT204-6B EVERLIGHT-PT204-6B Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT204-6C EVERLIGHT-PT204-6C Datasheet
163Kb / 7P
   3mm Phototransistor T-1
EAPLP03RDAA1 EVERLIGHT-EAPLP03RDAA1 Datasheet
309Kb / 8P
   3mm Phototransistor T-1
PT334-6B EVERLIGHT-PT334-6B_05 Datasheet
176Kb / 7P
   5mm Phototransistor T-1
PT333-3B EVERLIGHT-PT333-3B Datasheet
188Kb / 7P
   5mm Phototransistor T-1
PT333-3C EVERLIGHT-PT333-3C Datasheet
155Kb / 7P
   5mm Phototransistor T-1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com