Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT334-6C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PT334-6C
Description  5mm Phototransistor T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT334-6C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  PT334-6C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT334-6C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT334-6C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT334-6C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT334-6C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT334-6C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT334-6C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 7 of 7
Device No:DPT-033-059
Prepared date:07-20-2005
Prepared by:Jaine Tsai
RoHS
PT334-6C
Packing Quantity Specification
1.500PCS/1Bag,5Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
PT334-6C


Similar Part No. - PT334-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT334-6C EVERLIGHT-PT334-6C Datasheet
171Kb / 7P
   NPN SILICON PHOTOTRANSISTOR
PT334-6C EVERLIGHT-PT334-6C Datasheet
157Kb / 7P
   5mm Phototransistor T-1 3/4
PT334-6C EVERLIGHT-PT334-6C Datasheet
296Kb / 9P
   5mm Phototransistor
PT334-6C EVERLIGHT-PT334-6C_09 Datasheet
157Kb / 7P
   5mm Phototransistor T-1 3/4
More results

Similar Description - PT334-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT331C EVERLIGHT-PT331C Datasheet
167Kb / 7P
   5MM PHOTOTRANSISTOR T-1 3/4
PT334-6C EVERLIGHT-PT334-6C_09 Datasheet
157Kb / 7P
   5mm Phototransistor T-1 3/4
PT334-6B EVERLIGHT-PT334-6B Datasheet
179Kb / 8P
   5mm Phototransistor,T-1 3/4
PT1504-6B EVERLIGHT-PT1504-6B Datasheet
168Kb / 7P
   5mm Phototransistor T-1 3/4
PT534-6B EVERLIGHT-PT534-6B Datasheet
185Kb / 7P
   5mm Silicon Phototransistor T-1 3/4
PT334-6B EVERLIGHT-PT334-6B_05 Datasheet
176Kb / 7P
   5mm Phototransistor T-1
PT333-3C EVERLIGHT-PT333-3C Datasheet
155Kb / 7P
   5mm Phototransistor T-1
PT333-3B EVERLIGHT-PT333-3B Datasheet
188Kb / 7P
   5mm Phototransistor T-1
logo
Unity Opto Technology
MID-54A22 UOT-MID-54A22 Datasheet
29Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-54422 UOT-MID-54422 Datasheet
33Kb / 2P
   T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com