Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT928-6C-F Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PT928-6C-F
Description  1.5mm Side Looking Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT928-6C-F Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PT928-6C-F Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT928-6C-F Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT928-6C-F Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT928-6C-F Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT928-6C-F Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT928-6C-F Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT928-6C-F Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6of 7
Device No: CDPT-092-008
Prepared date: 2006/12/21
Prepared by: zhouhong
PT928-6C-F
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP:260℃±5℃
10sec
22pcs
0/1
2
Temperature Cycle
H : +100℃
15mins
5mins
L : -40℃
15mins
300Cycle
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
300ycle
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
VCE=5V
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
More than
90% of lead
to be covered
by soldering
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Similar Part No. - PT928-6C-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
336Kb / 7P
   Opto Interrupter
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
359Kb / 6P
   Opto Interrupter
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
341Kb / 7P
   Opto Interrupter
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
328Kb / 7P
   Opto Interrupter
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
179Kb / 7P
   Opto Interrupter
More results

Similar Description - PT928-6C-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
142Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
164Kb / 7P
   1.5mm Side Looking Phototransistor
EAPLP04RRAA1 EVERLIGHT-EAPLP04RRAA1 Datasheet
460Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
148Kb / 7P
   1.5mm Side Looking Phototransistor
logo
List of Unclassifed Man...
PT928-6C ETC1-PT928-6C Datasheet
126Kb / 6P
   1.5mm Side Looking Phototransistor
logo
Everlight Electronics C...
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
158Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
146Kb / 7P
   1.5mm Side Looking Phototransistor
logo
List of Unclassifed Man...
PT908-7C ETC-PT908-7C Datasheet
121Kb / 6P
   Technical Data Sheet 1.5mm Side Looking Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com