Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10VAL12HW6C Datasheet(PDF) 2 Page - HB Electronic Components

Part # 10VAL12HW6C
Description  LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

10VAL12HW6C Datasheet(HTML) 2 Page - HB Electronic Components

  10VAL12HW6C Datasheet HTML 1Page - HB Electronic Components 10VAL12HW6C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED SPECIFICATION
Page: 2 of 2
Part No. 10VAL12HW6C
Absolute maximum ratings
Ta = 25
Electrical and optical characteristics
Ta = 25
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 700mA
13
14
15
V
Luminous Flux
v
IF =700mA
360
400
----
lm
Color Temperature
CCT
IF = 700mA
4000
----
----
K
Luminous Flux Bins Ta = 25
Unit: lm
Bin
U
V
Min
360
400
Max
400
450
CCT Bins Ta = 25
Bin
W3
W4
W5
W6
W7
Min
4000
4500K
5000K
6000K
7000K
Max
4500
5000K
6000K
7000K
8000K
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
700
mA
Power Dissipation
Pd
----
----
10
W
Operating Temperature
Topr
----
-25
+85
Storage
Temperature
Tstr
----
-40
+100
ESD Sensitivity
---
HBM
8000
---
V


Similar Part No. - 10VAL12HW6C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
10VAL12HW3C HB-10VAL12HW3C Datasheet
56Kb / 2P
   LED
More results

Similar Description - 10VAL12HW6C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com