Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z30PM Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z30PM
Description  CMOS 32K x 8 ZEROPOWER SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30PM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z30PM Datasheet HTML 3Page - STMicroelectronics M48Z30PM Datasheet HTML 4Page - STMicroelectronics M48Z30PM Datasheet HTML 5Page - STMicroelectronics M48Z30PM Datasheet HTML 6Page - STMicroelectronics M48Z30PM Datasheet HTML 7Page - STMicroelectronics M48Z30PM Datasheet HTML 8Page - STMicroelectronics M48Z30PM Datasheet HTML 9Page - STMicroelectronics M48Z30PM Datasheet HTML 10Page - STMicroelectronics M48Z30PM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Figure 7. Chip Enable or Output Enable Controlled, Read Mode AC Waveforms
Note: W = High.
A write is terminated by the earlier rising edge of W
or E. The addresses must be held valid throughout
the cycle. E or W must return high for minimum of
tEHAX from E or tWHAX from W prior to the initiation
of another read or write cycle. Data-in must be valid
tDVWH prior to the end of write and remain valid for
tWHDX or tEHDX afterward. G should be kept high
during write cycles to avoid bus contention; al-
though, if the output bus has been activated by a
low on E and G, a low on W will disable the outputs
tWLQZ after W falls.
DATA RETENTION MODE
With valid VCC applied, the M48Z30/30Y operates
as a conventional BYTEWIDETM static RAM.
Should the supply voltage decay, the RAM will
automatically power-fail deselect, write protecting
itself tWP after VCC falls below VPFD. All outputs
become high impedance, and all inputs are treated
as ”don’t care.”
If power fail detection occurs during a valid access,
the memory cycle continues to completion. If the
memory cycle fails to terminate within the time tWP,
write protection takes place. When Vcc drops be-
low VSO, the control circuit switches power to the
internal energy source which preserves data.
The internal coin cell will maintain data in the
M48Z30/30Y after the initial application of VCC for
an accumulated period of at least 10 years when
VCC is less than VSO. As system power returns and
Vcc rises above VSO, the battery is disconnected,
and the power supply is switched to external Vcc.
Write protection continues for tER after VCC reaches
VPFD to allow for processor stabilization. After tER,
normal RAM operation can resume.
WRITE MODE (cont’d)
7/12
M48Z30, M48Z30Y


Similar Part No. - M48Z30PM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z32V-35MT1 STMICROELECTRONICS-M48Z32V-35MT1 Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z30PM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com