Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z30PM Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z30PM
Description  CMOS 32K x 8 ZEROPOWER SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30PM Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z30PM Datasheet HTML 1Page - STMicroelectronics M48Z30PM Datasheet HTML 2Page - STMicroelectronics M48Z30PM Datasheet HTML 3Page - STMicroelectronics M48Z30PM Datasheet HTML 4Page - STMicroelectronics M48Z30PM Datasheet HTML 5Page - STMicroelectronics M48Z30PM Datasheet HTML 6Page - STMicroelectronics M48Z30PM Datasheet HTML 7Page - STMicroelectronics M48Z30PM Datasheet HTML 8Page - STMicroelectronics M48Z30PM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Figure 1. Logic Diagram
M48Z30
M48Z30Y
CMOS 32K x 8 ZEROPOWER SRAM
INTEGRATED LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT and
BATTERY
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
10 YEARS of DATA RETENTION in the
ABSENCE of POWER
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 32K x 8 SRAMs
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
CHOICE of TWO WRITE PROTECT
VOLTAGES:
– M48Z30: 4.5V
≤ VPFD ≤ 4.75V
– M48Z30Y: 4.2V
≤ VPFD ≤ 4.50V
BATTERY INTERNALLY ISOLATED UNTIL
POWER IS APPLIED
DESCRIPTION
The M48Z30/30Y 32K x 8 ZEROPOWER® RAM is
a non-volatile 262,144 bit Static RAM organized as
32,768 words by 8 bits. The device combines an
internal lithium battery and a full CMOS SRAM in a
plastic 28 pin DIP Module. The ZEROPOWER
A0 - A14
Address Inputs
DQ0 - DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
28
1
PMDIP28 (PM)
Module
July 1994
1/12


Similar Part No. - M48Z30PM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z32V-35MT1 STMICROELECTRONICS-M48Z32V-35MT1 Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z32V-35MT1E STMICROELECTRONICS-M48Z32V-35MT1E Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z30PM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com