Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSM735K-UR-A Datasheet(PDF) 4 Page - Marktech Corporate

Part # MTSM735K-UR-A
Description  3.2 x 2.8mm SMD TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM735K-UR-A Datasheet(HTML) 4 Page - Marktech Corporate

  MTSM735K-UR-A Datasheet HTML 1Page - Marktech Corporate MTSM735K-UR-A Datasheet HTML 2Page - Marktech Corporate MTSM735K-UR-A Datasheet HTML 3Page - Marktech Corporate MTSM735K-UR-A Datasheet HTML 4Page - Marktech Corporate MTSM735K-UR-A Datasheet HTML 5Page - Marktech Corporate MTSM735K-UR-A Datasheet HTML 6Page - Marktech Corporate MTSM735K-UR-A Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MTSM735K-UR-A
3.2 x 2.8mm SMD TYPE
VER.: 04
Date: 2007/11/04
Page: 3/6
Typical Electrical/Optical Characteristic Curves
(25Ambient Temperature Unless Otherwise Noted)
Applied Voltage (V)
10
20
40
30
50
1.21.6
2.02.4
2.83.2
20.0
Forward Current (mA)
10.0
0
20.0
40.0
80.0
60.0
100.0
30.0
0.0
Forward Current VS. Applied Voltage
Forward Current VS. Luminous Intensity
Ambient Temperature Ta ( )
0
406080
120
100
10
20
40
30
50
0.6
0.3
0.7
0.5
0.1
0.4
0.2
20°
10°
30°
40°
50°
60°
70°
80°
90°
0.8
0.9
1.0
Ambient Temperature VS. Forward Current
Radiation Diagram


Similar Part No. - MTSM735K-UR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM735K-UR MARKTECH-MTSM735K-UR Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
More results

Similar Description - MTSM735K-UR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0350-WR-A MARKTECH-MT0350-WR-A Datasheet
290Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM2350-G-A MARKTECH-MTSM2350-G-A Datasheet
283Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM0350-WR-A MARKTECH-MTSM0350-WR-A Datasheet
290Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM6350-URUG-A MARKTECH-MTSM6350-URUG-A Datasheet
266Kb / 8P
   3.2 x 2.8mm SMD TYPE
LM1-PPP1-01-N1-MT MARKTECH-LM1-PPP1-01-N1-MT Datasheet
381Kb / 6P
   120 Degree 3.2 x 2.8mm SMT-LED
logo
EUROQUARTZ limited
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
   5 x 3.2 x 1.0mm SMD
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com