Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5632UTK Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5632UTK
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5632UTK Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5632UTK Datasheet HTML 4Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 5Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 6Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 7Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 8Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 9Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 10Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 11Page - Maxim Integrated Products MAX5632UTK Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
TQFP
QFN
NAME
FUNCTION
43
45
OUT18
Output 18
44
46
OUT19
Output 19
45
47
OUT20
Output 20
50
53
OUT21
Output 21
51
54
OUT22
Output 22
52
55
OUT23
Output 23
53
56
OUT24
Output 24
54
57
OUT25
Output 25
56
59
OUT26
Output 26
57
60
OUT27
Output 27
58
61
OUT28
Output 28
59
62
OUT29
Output 29
60
63
OUT30
Output 30
61
64
OUT31
Output 31
63
66
REF
Reference Voltage Input
Figure 1. Functional Diagram
CLOCK
ECLK
CLKSEL
SEQUENCER
SERIAL
INTERFACE
LAST
ADDRESS
SEQUENTIAL
ADDRESS
16-BIT
DAC
GAIN AND
OFFSET
CORRECTION
16 x 32
SRAM
CS
SCLK
DIN
ADDR SELECT
WRITE ENABLE
DATA READY
READ ENABLE
CH
CL
REF
GS
OUT0
OUT31
SAMPLE
D[15:0]
IMMED
RST
2: 1
M
U
X
R
E
G
I
S
T
E
R
R
E
G
I
S
T
E
R
SAMPLE-
AND-HOLD
ARRAY
MAX5631
MAX5632
MAX5633


Similar Part No. - MAX5632UTK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5632UTK MAXIM-MAX5632UTK Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
More results

Similar Description - MAX5632UTK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com