Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGB102ST23 Datasheet(PDF) 1 Page - Littelfuse

Part # PGB102ST23
Description  Surface Mount Polymeric ESD Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGB102ST23 Datasheet(HTML) 1 Page - Littelfuse

  PGB102ST23 Datasheet HTML 1Page - Littelfuse PGB102ST23 Datasheet HTML 2Page - Littelfuse PGB102ST23 Datasheet HTML 3Page - Littelfuse PGB102ST23 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.littelfuse.com
©2007 Littelfuse
PGB1 Series
Specifications are subject to change without notice.
1
Electronics Designers Guide
PulseGuard® Suppressors
Surface Mount Polymeric ESD Suppressors
Reflow Solder
Note: For wave solder, increase the spacing
in both the horizontal and vertical dimensions by
0.254 (.010") where denoted by an asterisk (*)
2.24 +/- 0.18
(0.088" +/- 0.007")
Reference Dimensions:
1.27
(0.050")
1.02 (0.040")
2.03
(0.080")
0.51
(0.020")
0.64
(0.025")
2.29
(0.090")
2.54
(0.100")
1.02 (0.040")
1.02 (0.040")
0.15 +/- 0.08
(0.006 +/- 0.003")
TYP
0.81
(0.032")
TYP
1.09
(0.043")
1.91
(0.075")
0.91
(0.036")
TYP
3.00 +/- 0.20
(0.118" +/- 0.008")
0.69 +/- 0.10
(0.027" +/- 0.004)
Equivalent Circuit
3
2
1
Wave Solder
1.27
(0.050")
1.27
(0.050")
2.29
(0.090")
0.64
(0.025")
1.02 (0.040")
PulseGuard ESD Suppressors help protect sensitive
electronic equipment against electrostatic discharge (ESD).
They supplement the on-chip protection of integrated
circuitry and are best suited for low-voltage, high-speed
applications where low capacitance is important. Data ports
utilizing such high-speed protocols as USB 2.0, IEEE1394,
HDMI and DVI can benefit from this new technology.
PulseGuard suppressors use polymer composite materials
to suppress fast-rising ESD transients (as specified in IEC
61000-4-2), while adding virtually no capacitance to the
circuit.
PGB1 Series Lead-Free
Description
Features
Applications
• HDTV Hardware
• Laptop/Desktop
Computers
• Network Hardware
• Computer Peripherals
• Digital Cameras
• External Storage
• Set-Top Boxes
• RoHS compliant and
lead-free
• Ultra-low capacitance
• Low leakage current
• Fast response time
• Bi-directional
• Withstands multiple
ESD strikes
• Compatible with
pick-and-place processes
• Available in 1000, 3000,
5000 and 10000 piece
reels (EIA-RS481)
Equivalent Circuits
Reflow Solder
Wave Solder
1.27 (0.050")
0.76 (0.030")
3.30
(0.130")
3.05
(0.120")
1.27 (0.050")
0.51 (0.020")
0.76 (0.030")
0.76 (0.030")
1.66 +/- 0.06
(0.066" +/- 0.003”)
0.15 +/- 0.08
(0.006" +/- 0.003”)
0.84 +/- 0.05
(0.033" +/- 0.002”)
0.36 (0.014")
1.04
(0.041") REF
0.43 +/- 0.18
(0.017" +/- 0.007”)
Equivalent Circuit
Reference Dimensions:
2
1
0402 and 0603 Devices
SOT23 Device
Product Characteristics
Part Number
Lines Protected
Component Package
PGB1010402
1
0402
PGB1010603
1
0603
PGB102ST23
2
SOT23
Electrical Characteristics
Specification
PGB1010402
PGB1010603
PGB102ST23
Notes
ESD Capability:
IEC 61000-4-2 Contact Discharge
IEC 61000-4-2 Air Discharge
8kV
15kV
8kV
15kV
8kV
15kV
Peak Voltage (typical)
1000V
500V
500V
Measured per IEC 61000-4-2
8kV Contact Discharge1
Clamping Voltage (typical)
250V
150V
150V
Measured per IEC 61000-4-2
8kV Contact Discharge1, at 25 nsec.
Rated Voltage (maximum)
12VDC
24VDC
24VDC
Capacitance (typical)
0.04 pF
0.06 pF
0.12 pF
Measured at 250 MHz
Response Time
<1nS
<1nS
<1nS
Leakage Current (typical)
<1nA (12 VDC)
<1nA (6 VDC)
<1nA (6 VDC)
ESD Pulse Withstand
100 pulses min
1000 pulses min
1000 pulses min
Some shifting in characteristics may
occur when tested over multiple
pulses at a very rapid rate
Notes: 1 Testing performed on Littelfuse Test Set up as described in typical test setup section.


Similar Part No. - PGB102ST23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
466Kb / 4P
   Low leakage current, Fast response time
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
239Kb / 4P
   PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
More results

Similar Description - PGB102ST23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB2010402KRHF LITTELFUSE-PGB2010402KRHF Datasheet
556Kb / 5P
   Surface Mount Polymeric ESD Suppressors
PGB1010603MRHF LITTELFUSE-PGB1010603MRHF Datasheet
239Kb / 4P
   PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
PGB102ST23WR LITTELFUSE-PGB102ST23WR Datasheet
164Kb / 2P
   PulseGuard Suppressors - Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
logo
Shanghai Leiditech Elec...
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
   Surface Mount Polymeric ESD Suppressor
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
PESD0201E UNSEMI-PESD0201E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Shanghai Leiditech Elec...
PESD0201MV05 LEIDITECH-PESD0201MV05 Datasheet
1Mb / 8P
   Surface Mount Polymeric ESD Suppressor
PESD0542U015 LEIDITECH-PESD0542U015 Datasheet
1Mb / 7P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com