Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO54G14ALU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PO54G14ALU
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO54G14ALU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PO54G14ALU Datasheet HTML 1Page - List of Unclassifed Manufacturers PO54G14ALU Datasheet HTML 2Page - List of Unclassifed Manufacturers PO54G14ALU Datasheet HTML 3Page - List of Unclassifed Manufacturers PO54G14ALU Datasheet HTML 4Page - List of Unclassifed Manufacturers PO54G14ALU Datasheet HTML 5Page - List of Unclassifed Manufacturers PO54G14ALU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.3
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
5.5
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = 5.5V
-
-
5
uA
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-5
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-55 to 125
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to +5.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
2
Copyright © 2005-2006, Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G14A, PO74G14A
HEX SCHMITT-TRIGGER INVERTERS
10/21/07


Similar Part No. - PO54G14ALU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO54G14ALU POTATO-PO54G14ALU Datasheet
519Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - PO54G14ALU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com