Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2325USOWA-S530-A3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # S2325USOWA-S530-A3
Description  Technical Data Sheet 2.24" Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S2325USOWA-S530-A3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  S2325USOWA-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S2325USOWA-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S2325USOWA-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S2325USOWA-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S2325USOWA-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S2325USOWA-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
2.24" Single Digit Displays
ELS-2325USOWA/S530-A3
█ Packing Quantity Specification
1. 10PCS/tube, 10 tubes/box
2. 4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 6 of 6
Device Number :CDDS-232-033
Prepared date:2007/5/7
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
S2325USOWA/S530-A3
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com


Similar Part No. - S2325USOWA-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S2325SURWA-S530-A3 EVERLIGHT-S2325SURWA-S530-A3 Datasheet
133Kb / 7P
   Technical Data Sheet 2.24" Single Digit Displays
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com