Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z58MH Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z58MH
Description  64 Kbit 8Kb x 8 ZEROPOWER SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58MH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z58MH Datasheet HTML 5Page - STMicroelectronics M48Z58MH Datasheet HTML 6Page - STMicroelectronics M48Z58MH Datasheet HTML 7Page - STMicroelectronics M48Z58MH Datasheet HTML 8Page - STMicroelectronics M48Z58MH Datasheet HTML 9Page - STMicroelectronics M48Z58MH Datasheet HTML 10Page - STMicroelectronics M48Z58MH Datasheet HTML 11Page - STMicroelectronics M48Z58MH Datasheet HTML 12Page - STMicroelectronics M48Z58MH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DATA RETENTION MODE
With valid VCC applied, the M48Z58/58Y operates
as a conventional BYTEWIDE
™ static RAM.
Should the supply voltage decay, the RAM will
automatically power-fail deselect, write protecting
itself when VCC f alls within the VPFD(max),
VPFD(min) window. All outputs become high imped-
ance, and all inputs are treated as "don’t care."
Note: A power failure during a write cycle may
corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM’s
content. At voltages below VPFD(min), the user can
be assured the memory will be in a write protected
state, provided the VCC fall time is not less than tF.
The M48Z58/58Y may respond to transient noise
spikes on VCC that reach into the deselect window
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
When VCC drops below VSO, the control circuit
switches power to the internal battery which pre-
serves data. The internal button cell will maintain
data in the M48Z58/58Y for an accumulated period
of at least 10 years when VCC is less than VSO.
As system power returns and VCC rises above VSO,
the battery is disconnected, and the power supply
is switched to external VCC. Write protection con-
tinues until VCC reaches VPFD(min) plus tREC(min).
Normal RAM operation can resume tREC after VCC
exceeds VPFD(max).
For more information on Battery Storage Life refer
to the Application Note AN1012.
POWER SUPPLY DECOUPLING and UNDER-
SHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, result-
ing in spikes on the VCC bus. These transients can
be reduced if capacitors are used to store energy,
which stabilizes the VCC bus. The energy stored in
the bypass capacitors will be released as low going
spikes are generated or energy will be absorbed
when overshoots occur. A ceramic bypass capaci-
tor value of 0.1
µF (as shown in Figure 9) is recom-
mended in order to provide the needed filtering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate
negative voltage spikes on VCC that drive it to
values below VSS by as much as one Volt. These
negative spikes can cause data corruption in the
SRAM while in battery backup mode. To protect
from these voltage spikes, it is recommeded to
connect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS
Figure 9. Supply Voltage Protection
9/17
M48Z58, M48Z58Y


Similar Part No. - M48Z58MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z58-70MH1E STMICROELECTRONICS-M48Z58-70MH1E Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z58-70MH1F STMICROELECTRONICS-M48Z58-70MH1F Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z58-70PC1E STMICROELECTRONICS-M48Z58-70PC1E Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z58-70PC1F STMICROELECTRONICS-M48Z58-70PC1F Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z58MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com