Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-321USOWA Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELS-321USOWA
Description  0.3 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-321USOWA Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELS-321USOWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-321USOWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-321USOWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-321USOWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-321USOWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-321USOWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.3" Single Digit Displays
ELS-321USOWA/S530-A3
█ Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 4 of 6
Device Number :CDDS-321-016
Prepared date:2007/5/7
Prepared by: YanLi Zhong


Similar Part No. - ELS-321USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-321USOWA-S530-A4 EVERLIGHT-ELS-321USOWA-S530-A4 Datasheet
125Kb / 6P
   0.3" Single Digit Displays
More results

Similar Description - ELS-321USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-321SURWA EVERLIGHT-ELS-321SURWA Datasheet
120Kb / 7P
   0.3 Single Digit Displays
ELS-322SURWA EVERLIGHT-ELS-322SURWA Datasheet
124Kb / 7P
   0.3 Single Digit Displays
ELS-322UBWA-C470 EVERLIGHT-ELS-322UBWA-C470 Datasheet
139Kb / 6P
   0.3" Single Digit Displays
ELS-322USOWA-S530-A4 EVERLIGHT-ELS-322USOWA-S530-A4 Datasheet
125Kb / 7P
   0.3" Single Digit Displays
ELS-321SYGWA EVERLIGHT-ELS-321SYGWA Datasheet
110Kb / 6P
   0.3 Single Digit Displays
ELS-322SYGWA EVERLIGHT-ELS-322SYGWA Datasheet
113Kb / 6P
   0.3 Single Digit Displays
ELS-322USOWA EVERLIGHT-ELS-322USOWA Datasheet
114Kb / 6P
   0.3 Single Digit Displays
ELS-321SURWA-S530-A3 EVERLIGHT-ELS-321SURWA-S530-A3 Datasheet
125Kb / 7P
   0.3" Single Digit Displays
ELS-321SYGWA-S530-E2 EVERLIGHT-ELS-321SYGWA-S530-E2 Datasheet
115Kb / 6P
   0.3" Single Digit Displays
ELS-321USOWA-S530-A4 EVERLIGHT-ELS-321USOWA-S530-A4 Datasheet
125Kb / 6P
   0.3" Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com