Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-432SYGWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELS-432SYGWA
Description  0.39 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-432SYGWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELS-432SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-432SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-432SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-432SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-432SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-432SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.39" Single Digit Displays
ELS-432SYGWA/S530-E2
█ Features :
● Industrial standard size.
● Low power consumption.
● Categorized for luminous intensity.
● Pb free
● The product itself will remain within RoHS
compliant version
█ Descriptions :
● The ELS-432 series is a large 10.0 mm
(0.39")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
● Audio equipment
● Instrument panels
● Digital read out display
Material
AlGaInP
BG0402036
50005445
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 1 of 6
Prepared date:2005/08/29
Prepared by: YanLi Zhong
Device Number : CDDS-432-042
ELS-432SYGWA/S530-E2
PART NO.
Emitted Color
Super Yellow Green
Chip


Similar Part No. - ELS-432SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-432SURWA EVERLIGHT-ELS-432SURWA Datasheet
125Kb / 7P
   0.39 Single Digit Displays
ELS-432SURWA/S530-A3 EVERLIGHT-ELS-432SURWA/S530-A3 Datasheet
125Kb / 7P
   0.39 Single Digit Displays
More results

Similar Description - ELS-432SYGWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELS-431GWA ETC-ELS-431GWA Datasheet
149Kb / 5P
   0.39 SINGLE DIGIT DISPLAYS
logo
Everlight Electronics C...
ELS-432SURWA EVERLIGHT-ELS-432SURWA Datasheet
125Kb / 7P
   0.39 Single Digit Displays
ELS-431USOWA EVERLIGHT-ELS-431USOWA Datasheet
120Kb / 6P
   0.39 Single Digit Displays
ELS-432USOWA EVERLIGHT-ELS-432USOWA Datasheet
116Kb / 6P
   0.39 Single Digit Displays
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSS-406SYGWA EVERLIGHT-ELSS-406SYGWA Datasheet
168Kb / 8P
   0.39 Single Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
logo
Micro Electronics
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELS-432GWA EVERLIGHT-ELS-432GWA Datasheet
145Kb / 5P
   Technical Data Sheet 0.39 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com