Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-506SURWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELS-506SURWA
Description  0.5 Single Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-506SURWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELS-506SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-506SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-506SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-506SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-506SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-506SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELS-506SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
DATA SHEET
PART NO.
ELS-506SURWA/S530-A3
DATE
2004/8/13
DEPARTMENT:
CHRD1
.
REVISION
1
RECEIVED
■ MASS PRODUCTION
□ PRELIMINARY
□ CUSTOMER DESIGN
DEVICE NUMBER :
CDDS-506-022
PAGE :
6
CUSTOMER
DESIGNER
CHECKER
APPROVER
REV.
DESCRIPTION
RELEASE DATE
OFFICE: 7C BUILDING, LIAN HUA PORT INDUSTRIAL DISTRICT, LIAN HUA SHAN
BONDED PRICESSING ZONE PAN YU, GUANG ZHU, CHINA
TEL.
: (020)84860913,84860914
FAX
: (020)84860600
http : //www.everlight.com
0


Similar Part No. - ELS-506SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-506SYGWA EVERLIGHT-ELS-506SYGWA Datasheet
112Kb / 6P
   0.5 Single Digit Displays
ELS-506SYGWA/S530-E2 EVERLIGHT-ELS-506SYGWA/S530-E2 Datasheet
112Kb / 6P
   0.5 Single Digit Displays
More results

Similar Description - ELS-506SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-505SURWA EVERLIGHT-ELS-505SURWA Datasheet
126Kb / 7P
   0.5 Single Digit Displays
ELS-506SYGWA EVERLIGHT-ELS-506SYGWA Datasheet
112Kb / 6P
   0.5 Single Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3_06 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
ELD-516USOWA EVERLIGHT-ELD-516USOWA Datasheet
157Kb / 6P
   0.5 inch Dual Digit Displays
ELD-515SYGWA EVERLIGHT-ELD-515SYGWA Datasheet
156Kb / 6P
   0.5 inch Dual Digit Displays
ELD-516SURWA EVERLIGHT-ELD-516SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
logo
Micro Electronics
MS251A MICRO-ELECTRONICS-MS251A Datasheet
73Kb / 2P
   0.5 DUAL DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELD-515SURWA EVERLIGHT-ELD-515SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com