Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF539 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF539
Description  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF539 Datasheet HTML 1Page - Analog Devices ADSP-BF539 Datasheet HTML 2Page - Analog Devices ADSP-BF539 Datasheet HTML 3Page - Analog Devices ADSP-BF539 Datasheet HTML 4Page - Analog Devices ADSP-BF539 Datasheet HTML 5Page - Analog Devices ADSP-BF539 Datasheet HTML 6Page - Analog Devices ADSP-BF539 Datasheet HTML 7Page - Analog Devices ADSP-BF539 Datasheet HTML 8Page - Analog Devices ADSP-BF539 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF539/ADSP-BF539F
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
1.0 V to 1.25 V core VDD with on-chip voltage regulation
3.0 V to 3.3 V I/O VDD
Up to 3.3 V tolerant I/O with specific 5 V tolerant pins
316-ball Pb-free CSP_BGA package
Up to 533 MHz high performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler friendly support
Advanced debug, trace, and performance monitoring
MEMORY
148K bytes of on-chip memory:
16K bytes of instruction SRAM/cache
64K bytes of instruction SRAM
32K bytes of data SRAM
32K bytes of data SRAM/cache
4K bytes of scratchpad SRAM
512K
16-bit or 256K
16-bit flash memory
(ADSP-BF539F only)
Memory management unit providing memory protection
External memory controller with glueless support
for SDRAM, SRAM, flash, and ROM
Flexible memory booting options from SPI and external
memory
PERIPHERALS
Parallel peripheral interface (PPI),
supporting ITU-R 656 video data formats
4 dual-channel, full-duplex synchronous serial ports, sup-
porting 16 stereo I
2S channels
2 DMA controllers supporting 26 peripheral DMAs
4 memory-to-memory DMAs
Controller area network (CAN) 2.0B controller
Media transceiver (MXVR) for connection
to a MOST network
3 SPI-compatible ports
Three 32-bit timer/counters with PWM support
3 UARTs with support for IrDA
2 TWI controllers compatible with I2C industry standard
Up to 38 general-purpose I/O pins (GPIO)
Up to 16 general-purpose flag pins (GPF)
Real-time clock, watchdog timer, and 32-bit core timer
On-chip PLL capable of 0.5
to 64
frequency multiplication
Debug/JTAG interface
Figure 1. Functional Block Diagram
UART0
SPORT0-1
WATCHDOG
TIMER
RTC
SPI0
TIMER0-2
PPI
SPI1-2
SPORT2-3
UART1-2
GPIO
PORT
F
GPIO
PORT
D
GPIO
PORT
C
GPIO
PORT
E
EXTERNAL PORT
FLASH, SDRAM CONTROL
BOOT ROM
JTAG TEST AND EMULATION
VOLTAGE REGULATOR
DMA
CONTROLLER 0
L1 INSTRUCTION
MEMORY
L1 DATA
MEMORY
DMA
CONTROLLER1
B
INTERRUPT
CONTROLLER
PERIPHERAL ACCESS BUS
DMA CORE BUS 0
DMA
EXTERNAL
BUS 1
TWI0-1
CAN 2.0B
MXVR
512kB OR 1MB
FLASH MEMORY
(ADSP-BF539F ONLY)
DMA CORE
BUS 1
DMA
EXTERNAL
BUS 0
DMA CORE
BUS 2
16


Similar Part No. - ADSP-BF539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F_15 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
Rev. F
ADSP-BF539WBBCZ-5A AD-ADSP-BF539WBBCZ-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539WBBCZ5F4 AD-ADSP-BF539WBBCZ5F4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
More results

Similar Description - ADSP-BF539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com