Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF539 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF539
Description  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF539 Datasheet HTML 1Page - Analog Devices ADSP-BF539 Datasheet HTML 2Page - Analog Devices ADSP-BF539 Datasheet HTML 3Page - Analog Devices ADSP-BF539 Datasheet HTML 4Page - Analog Devices ADSP-BF539 Datasheet HTML 5Page - Analog Devices ADSP-BF539 Datasheet HTML 6Page - Analog Devices ADSP-BF539 Datasheet HTML 7Page - Analog Devices ADSP-BF539 Datasheet HTML 8Page - Analog Devices ADSP-BF539 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADSP-BF539/ADSP-BF539F
Rev. A
|
Page 3 of 60
|
February 2008
GENERAL DESCRIPTION
The ADSP-BF539/ADSP-BF539F processors are members of
the Blackfin
® family of products, incorporating the Analog
Devices, Inc./Intel Micro Signal Architecture (MSA). Blackfin
processors combine a dual-MAC, state-of-the-art signal pro-
cessing engine, the advantages of a clean, orthogonal RISC-like
microprocessor instruction set, and single-instruction, multi-
ple-data (SIMD) multimedia capabilities into a single
instruction set architecture.
The ADSP-BF539/ADSP-BF539F processors are completely
code compatible with other Blackfin processors, differing only
with respect to performance, peripherals, and on-chip memory.
Specific performance, peripherals, and memory configurations
are shown in Table 1 on Page 3.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next generation applications that require RISC-like program-
mability, multimedia support, and leading edge signal
processing in one integrated package.
LOW POWER ARCHITECTURE
Blackfin processors provide world class power management and
performance. Blackfin processors are designed in a low power
and low voltage design methodology and feature dynamic
power management, the ability to vary both the voltage and fre-
quency of operation to significantly lower overall power
consumption. Varying the voltage and frequency can result in a
substantial reduction in power consumption, compared with
simply varying the frequency of operation. This translates into
longer battery life and lower heat dissipation.
AUTOMOTIVE PRODUCTS
Some ADSP-BF539/ADSP-BF539F models are available for
automotive applications with controlled manufacturing. Note
that these special models may have specifications that differ
from the general release models. For information on which
models are available for automotive applications, see “Ordering
Guide” on page 60.
SYSTEM INTEGRATION
The ADSP-BF539/ADSP-BF539F processors are highly inte-
grated system-on-a-chip solutions for the next generation of
industrial and automotive applications including audio and
video signal processing. By combining advanced memory con-
figurations, such as on-chip flash memory, with industry-
standard interfaces with a high performance signal processing
core, users can develop cost-effective solutions quickly without
the need for costly external components. The system peripherals
include a MOST Network Media Transceiver (MXVR), three
UART ports, three SPI ports, four serial ports (SPORT), one
CAN interface, two 2-wire interfaces (TWI), four general-pur-
pose timers (three with PWM capability), a real-time clock, a
watchdog timer, a parallel peripheral interface, general-purpose
I/O, and general-purpose flag pins.
ADSP-BF539/ADSP-BF539F PROCESSOR
PERIPHERALS
The ADSP-BF539/ADSP-BF539F processors contain a rich set
of peripherals connected to the core via several high bandwidth
buses, providing flexibility in system configuration as well as
excellent overall system performance (see Figure 1 on Page 1).
The general-purpose peripherals include functions such as
UART, timers with PWM (pulse-width modulation) and pulse
measurement capability, general-purpose flag I/O pins, a real-
time clock, and a watchdog timer. This set of functions satisfies
a wide variety of typical system support needs and is augmented
by the system expansion capabilities of the device. In addition to
these general-purpose peripherals, the ADSP-BF539/ADSP-
BF539F processors contain high speed serial and parallel ports
for interfacing to a variety of audio, video, and modem codec
functions. An MXVR transceiver transmits and receives audio
and video data and control information on a MOST automotive
multimedia network. A CAN 2.0B controller is provided for
automotive control networks. An interrupt controller manages
interrupts from the on-chip peripherals or external sources.
And power management control functions tailor the perfor-
mance and power characteristics of the processor and system to
many application scenarios.
All of the peripherals, except for general-purpose I/O, CAN,
TWI, real-time clock, and timers, are supported by a flexible
DMA structure. There are also four separate memory DMA
channels dedicated to data transfers between the processor’s
Table 1. Processor Features
Feature
ADSP-BF539 ADSP-BF539F4 ADSP-BF539F8
SPORTs
4
4
4
UARTs
3
3
3
SPI
3
3
3
TWI
2
2
2
CAN
1
1
1
MXVR
1
1
1
PPI
1
1
1
Instruction
SRAM/Cache
16K bytes
16K bytes
16K bytes
Instruction
SRAM
64K bytes
64K bytes
64K bytes
Data
SRAM/Cache
32K bytes
32K bytes
32K bytes
Data SRAM
32K bytes
32K bytes
32K bytes
Scratchpad
4K bytes
4K bytes
4K bytes
Flash
Not
applicable
256K
16-bit
512K
16-bit
Maximum
Speed Grade
533 MHz
1066 MMACS
533 MHz
1066 MMACS
533 MHz
1066 MMACS
Package
Option
BC-316
BC-316
BC-316


Similar Part No. - ADSP-BF539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F_15 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
Rev. F
ADSP-BF539WBBCZ-5A AD-ADSP-BF539WBBCZ-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539WBBCZ5F4 AD-ADSP-BF539WBBCZ5F4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
More results

Similar Description - ADSP-BF539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com