Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N29S1TA-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 4N29S1TA-V
Description  6 PIN PHOTODARLINGTON PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N29S1TA-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  4N29S1TA-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N29S1TA-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:PDS-ELSD-113 Rev. 0
April, 2 2008
TIL113
4NXX Series
H11BX Series
Features:
• 4NXX series: 4N29, 4N30, 4N31, 4N32, 4N33
• H11BX series: H11B1, H11B2, H11B3, H11B255
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Creepage distance >7.62 mm
• Meets or exceeds all JEDEC registered specifications
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approval (pending)
• SEMKO approval (pending)
• NEMKO approval (pending)
• DEMKO approval (pending)
• FIMKO approval (pending)
• CSA approval (pending)
Description
The TIL113, 4NXX and H11BX series of devices each
consist of an infrared emitting diode optically coupled to a
photo darlington detector.
They are packaged in a 6-pin DIP package and available
in wide-lead spacing and SMD option.
Schematic
Applications
Low power logic circuits
1
Telecommunications equipment
Portable electronics
Interfacing coupling systems of different potentials and impedances
Pin Configuration
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base
2
6
5
3
4


Similar Part No. - 4N29S1TA-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N29S1(TA)-V EVERLIGHT-4N29S1(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N29S1(TB)-V EVERLIGHT-4N29S1(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
More results

Similar Description - 4N29S1TA-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4NXX EVERLIGHT-4NXX_09 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
EL452-G EVERLIGHT-EL452-G_13 Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com