Electronic Components Datasheet Search |
|
LNBS21 Datasheet(PDF) 10 Page - STMicroelectronics |
|
LNBS21 Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 21 page LNBS21 10/21 Table 6: Gate And Sense Electrical Characteristics (TJ = 0 to 85°C, VIN=12V) Table 7: I2C Electrical Characteristics (TJ = 0 to 85°C, VIN=12V) Table 8: Address Pin Characteristics (TJ = 0 to 85°C, VIN=12V) Figure 7: Test Circuit Symbol Parameter Test Conditions Min. Typ. Max. Unit RDSON-L Gate LOW RDSON IGATE=-100mA 4.5 Ω RDSON-H Gate LOW RDSON IGATE=100mA 4.5 Ω VSENSE Current Limit Sense Voltage 200 mV Symbol Parameter Test Conditions Min. Typ. Max. Unit VIL LOW Level Input Voltage SDA, SCL 0.8 V VIH HIGH Level Input Voltage SDA, SCL 2 V IIH Input Current SDA, SCL, VIN= 0.4 to 4.5v -10 10 µA VIL DSQIN Input Pin Logic LOW SDA (open drain), IOL = 6mA 0.6 V fMAX Maximum Clock Frequency SCL 500 KHz Symbol Parameter Test Conditions Min. Typ. Max. Unit VADDR-1 "0001000" Addr Pin Voltage 0 0.7 V VADDR-2 "0001001" Addr Pin Voltage 1.3 1.7 V VADDR-3 "0001010" Addr Pin Voltage 2.3 2.7 V VADDR-4 "0001011" Addr Pin Voltage 3.3 5 V Gate Vup LT1 OUT Vcc EXTM DSQOUT 10nF LT2 DETIN 10nF Scope Probe VMI, VOBK LNBS21 470nF BYP IO , IOBK A Vin A IIN A ILT V VOUT Load 20µF V A IOZ / IOL OL VOH / IOL SDA SCL SCL SDA { From I2C Master DSQIN Pulse Gen. VEXTM, VDETIN Sense STN4NF03L Rsc 0.1 Ω Ω Ω Ω 220µF 470nF STPS2L30A 220µF 470nF L1=22µH ADDRESS V 1N4001 V V LT 10nF |
Similar Part No. - LNBS21_04 |
|
Similar Description - LNBS21_04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |