Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 2 Page - STMicroelectronics

  M50LPW040 Datasheet HTML 1Page - STMicroelectronics M50LPW040 Datasheet HTML 2Page - STMicroelectronics M50LPW040 Datasheet HTML 3Page - STMicroelectronics M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
M50LPW040
2/36
Figure 2. Logic Diagram (A/A Mux Interface)
AI05436
11
RC
DQ0-DQ7
VCC
M50LPW040
IC
VSS
8
G
W
RB
RP
A0-A10
VPP
DESCRIPTION
The M50LPW040 is a 4 Mbit (512Kb x8) non-
volatile memory that can be read, erased and
reprogrammed.
These
operations
can
be
performed using a single low voltage (3.0 to 3.6V)
supply. For fast programming and fast erasing in
production lines an optional 12V power supply can
be used to reduce the programming and the
erasing times.
The memory is divided into blocks that can be
erased independently so it is possible to preserve
valid data while old data is erased. Blocks can be
protected
individually
to
prevent
accidental
Program or Erase commands from modifying the
memory. Program and Erase commands are
written to the Command Interface of the memory.
An on-chip Program/Erase Controller simplifies
the process of programming or erasing the
memory by taking care of all of the special
operations that are required to update the memory
contents. The end of a program or erase operation
can
be
detected
and
any
error
conditions
identified. The command set required to control
the memory is consistent with JEDEC standards.
Two different bus interfaces are supported by the
memory. The primary interface is the Low Pin
Count (or LPC) Standard Interface. This has been
designed to remove the need for the ISA bus in
Figure 3. TSOP Connections
AI05437
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
VSS
VCC
DQ7
G
RB
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
ID1
LAD1
LAD2
GPI3
TBL
ID2
GPI0
WP
NC
VCC
NC
IC (VIL)
RFU
GPI4
NC
VSS
LFRAME
RFU
LAD3
VSS
VCC
RFU
RFU
NC
CLK
RP
NC
VPP
VCC
NC
M50LPW040
10
1
11
20
21
30
31
40
RFU
NC
INIT
NC
RFU
GPI2
LAD0
GPI1
ID0
VSS
NC
NC
NC
IC (VIH)
NC
NC
NC
NC
RC
RP
VPP
VCC
NC
A10
VSS
VSS
VCC


Similar Part No. - M50LPW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041K STMICROELECTRONICS-M50LPW041K Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041K1T STMICROELECTRONICS-M50LPW041K1T Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041N STMICROELECTRONICS-M50LPW041N Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041N1T STMICROELECTRONICS-M50LPW041N1T Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
More results

Similar Description - M50LPW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
   8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
August 2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com