Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z128Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z128Y
Description  1 Mbit 128Kb x8 ZEROPOWER SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128Y Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z128Y Datasheet HTML 1Page - STMicroelectronics M48Z128Y Datasheet HTML 2Page - STMicroelectronics M48Z128Y Datasheet HTML 3Page - STMicroelectronics M48Z128Y Datasheet HTML 4Page - STMicroelectronics M48Z128Y Datasheet HTML 5Page - STMicroelectronics M48Z128Y Datasheet HTML 6Page - STMicroelectronics M48Z128Y Datasheet HTML 7Page - STMicroelectronics M48Z128Y Datasheet HTML 8Page - STMicroelectronics M48Z128Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
M48Z128, M48Z128Y
Figure 3. Block Diagram
AI01196
INTERNAL
BATTERY
E
VCC
VSS
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
131,072 x 8
SRAM ARRAY
A0-A16
DQ0-DQ7
W
G
POWER
E
The unique design allows the SNAPHAT battery
package to be mounted on top of the SOIC pack-
age after the completion of the surface mount pro-
cess. Insertion of the SNAPHAT housing after
reflow prevents potential battery damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SNAPHAT battery package is shipped sepa-
rately in plastic anti-static tubes or in Tape & Reel
form. The part number is ”M4Z28-BRxxSH1”.
The M48Z128/128Y also has its own Power-fail
Detect circuit. The control circuitry constantly mon-
itors the single 5V supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operation brought on by low VCC.As VCC falls
below approximately 3V, the control circuitry con-
nects the battery which maintains data until valid
power returns.
READ MODE
The M48Z128/128Y is in the Read Mode whenev-
er W (Write Enable) is high and E (Chip Enable) is
low. The device architecture allows ripple-through
access of data from eight of 1,048,576 locations in
the static storage array. Thus, the unique address
specified by the 17 Address Inputs defines which
one of the 131,072 bytes of data is to be accessed.
Valid data will be available at the Data I/O pins
within Address Access time (tAVQV) after the last
address input signal is stable, providing that the E
and G (Output Enable) access times are also sat-
isfied. If the E and G access times are not met, val-
id data will be available after the later of Chip
Enable Access time (tELQV) or Output Enable Ac-
cess Time (tGLQV). The state of the eight three-
state Data I/O signals is controlled by E and G. If
the outputs are activated before tAVQV, the data
lines will be driven to an indeterminate state until
tAVQV. If the Address Inputs are changed while E
and G remain low, output data will remain valid for
Output Data Hold time (tAXQX) but will go indeter-
minate until the next Address Access.


Similar Part No. - M48Z128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
   5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z128Y-120PM1 STMICROELECTRONICS-M48Z128Y-120PM1 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z128Y-70PM1 STMICROELECTRONICS-M48Z128Y-70PM1 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z128Y-85PM1 STMICROELECTRONICS-M48Z128Y-85PM1 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
   3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
   5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
M36W108T STMICROELECTRONICS-M36W108T Datasheet
247Kb / 35P
   8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
   8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com