Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33810 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33810
Description  Automotive Engine Control IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33810 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33810 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33810
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions of 3.0V
≤ VDD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, -40°C ≤ TC ≤ 125°C, and calibrated timers,
unless otherwise noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13V,
TA = 25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Required Low State Duration on VPWR for Under-voltage Detect
VPWR ≤ 0.2V
tUV
1.0
µs
Required Low State Duration on VDD for Power On Reset
VDD ≤ 0.2V
tRESET
1.0
µs
INJECTOR DRIVERS
Output ON Current Limit Fault Filter Timer (Short to Battery Fault)
tSC
30
60
90
µs
Output ON Open Circuit Fault Filter Timer
t(ON)OC
3.0
7.5
12
ms
Output Retry Timer
tREF
10
15
ms
Output OFF Open Circuit Fault Filter Timer
t(OFF)OC
100
400
µs
Output Slew Rate (No faster than 1.5
µs from off to on and on to off)
RLOAD = 14Ω, VLOAD = 14V
tSR(RISE)
1.0
5.0
10
V/
µs
Output Slew Rate
RLOAD = 14Ω, VLOAD = 14V
tSR(FALL)
1.0
5.0
10
V/
µs
Propagation Delay (Input Rising Edge OR CS to Output Falling Edge)
Input @ 50%VDD to Output voltage 90% of VLOAD
tPHL
1.0
5.0
µs
Propagation Delay (Input Falling Edge OR CS to Output Rising Edge)
Input @ 50%VDD to Output voltage 10% of VLOAD
tPLH
1.0
5.0
µs
IGNITION & GENERAL PURPOSE GATE DRIVER PARAMETERS
Propagation Delay (GINx Input Rising Edge OR CS to Output Rising Edge)
Input @ 50%VDD to Output voltage 10% of VGS(ON)
tPLH
0.2
1.0
µs
Propagation Delay (Input Falling Edge OR CS to Output Falling Edge)
Input @ 50%VDD to Output voltage 90% of VGS(ON)
tPHL
0.2
1.0
µs
IGNITION PARAMETERS
Open Secondary Fault Timer accuracy (uncalibrated)
-35
35
%
Maximum Dwell Timer Accuracy (uncalibrated)
-35
35
%
End of Spark Filter Accuracy (uncalibrated)(12)
-35
35
%
Notes
12.
This parameter is guaranteed by design, however it is not production tested.


Similar Part No. - MC33810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results

Similar Description - MC33810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com