Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4866 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4866
Description  Overvoltage Protection Controllers with Reverse Polarity Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4866 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4866 Datasheet HTML 4Page - Maxim Integrated Products MAX4866 Datasheet HTML 5Page - Maxim Integrated Products MAX4866 Datasheet HTML 6Page - Maxim Integrated Products MAX4866 Datasheet HTML 7Page - Maxim Integrated Products MAX4866 Datasheet HTML 8Page - Maxim Integrated Products MAX4866 Datasheet HTML 9Page - Maxim Integrated Products MAX4866 Datasheet HTML 10Page - Maxim Integrated Products MAX4866 Datasheet HTML 11Page - Maxim Integrated Products MAX4866 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Overvoltage Protection Controllers
with Reverse Polarity Protection
8
_______________________________________________________________________________________
IEC 1000-4-2
Since January 1996, all equipment manufactured
and/or sold in the European Union has been required to
meet the stringent IEC 1000-4-2 specification. The IEC
1000-4-2 standard covers ESD testing and perfor-
mance of finished equipment. It does not specifically
refer to ICs. The MAX4864L/MAX4865L/MAX4866L/
MAX4867 help users design equipment that meets
Level 3 of IEC 1000-4-2, without additional ESD-protec-
tion components.
The main difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2. Because series resistance is
lower in the IEC 1000-4-2 ESD test model (Figure 9), the
ESD-withstand voltage measured to this standard is gen-
erally lower than that measured using the Human Body
Model. Figure 10 shows the current waveform for the
±8kV IEC 1000-4-2 Level 4 ESD Contact Discharge test.
The Air-Gap test involves approaching the device with a
charger probe. The Contact Discharge method connects
the probe to the device before the probe is energized.
Chip Information
TRANSISTOR COUNT: 727
PROCESS TECHNOLOGY: BiCMOS
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1.5
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 7. Human Body ESD Test Model
IP 100%
90%
36.8%
tRI
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 8. Human Body Current Waveform
tR = 0.7ns TO 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 10. IEC 1000-4-2 ESD Generator Current Waveform
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50
Ω TO 100Ω
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 9. IEC 1000-4-2 ESD Test Model


Similar Part No. - MAX4866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4866LELT MAXIM-MAX4866LELT Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
MAX4866LEUT MAXIM-MAX4866LEUT Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results

Similar Description - MAX4866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
   Reverse polarity protection
logo
Maxim Integrated Produc...
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
logo
Texas Instruments
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
logo
Maxim Integrated Produc...
MAX1807 MAXIM-MAX1807 Datasheet
240Kb / 10P
   Micropower Adjustable Overvoltage Protection Controllers
Rev 0; 10/00
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4843 MAXIM-MAX4843 Datasheet
296Kb / 9P
   Overvoltage Protection Controllers with Low Standby Current
Rev 0; 4/05
logo
Texas Instruments
LM74502 TI-LM74502 Datasheet
2Mb / 29P
[Old version datasheet]   LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com