Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33272ADG Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33272ADG
Description  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272ADG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33272ADG Datasheet HTML 6Page - ON Semiconductor MC33272ADG Datasheet HTML 7Page - ON Semiconductor MC33272ADG Datasheet HTML 8Page - ON Semiconductor MC33272ADG Datasheet HTML 9Page - ON Semiconductor MC33272ADG Datasheet HTML 10Page - ON Semiconductor MC33272ADG Datasheet HTML 11Page - ON Semiconductor MC33272ADG Datasheet HTML 12Page - ON Semiconductor MC33272ADG Datasheet HTML 13Page - ON Semiconductor MC33272ADG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC33272A, MC33274A, NCV33274A
http://onsemi.com
10
Figure 32. Percent Overshoot versus
Load Capacitance
Figure 33. Non−inverting Amplifier Slew Rate
for the MC33274
Figure 34. Non−inverting Amplifier Overshoot
for the MC33274
Figure 35. Small Signal Transient Response
for MC33274
Figure 36. Large Signal Transient Response
for MC33274
CL, LOAD CAPACITANCE (pF)
60
50
40
30
20
10
0
10
100
1000
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
TA = 25°C
t, TIME (2.0
ms/DIV)
t, TIME (1.0
ms/DIV)
t, TIME (2.0
ms/DIV)
t, TIME (2.0 ns/DIV)
VCC = +15 V
VEE = −15 V
AV = +1.0
RL = 2.0 kW
TA = 25°C
CL = 100 pF
CL = f
VCC = +15 V
VEE = −15 V
AV = +1.0
RL = 2.0 kW
CL = 100 pF
TA = 25°C
VCC = +15 V
VEE = −15 V
AV = +1.0
RL = 2.0 kW
CL = 300 pF
TA = 25°C
VCC = +15 V
VEE = −15 V
AV = +1.0
RL = 2.0 kW
CL = 300 pF
TA = 25°C


Similar Part No. - MC33272ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272ADG ONSEMI-MC33272ADG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272ADG ONSEMI-MC33272ADG Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - MC33272ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com