Selected language     English  ▼


M-8870-01SM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. M-8870-01SM
Description  DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
Page 4
M-8870
Teltone Corporation, 22121-20th Avenue SE, Bothell, WA 98021-4408 U.S.A
Phone: 800-426-3926 or 425-487-1515 Fax: 425-487-2288
40-406-00011, Rev. E
E-mail: info@teltone.com Internet: www.teltone.com
Parameter
Symbol
Value
Power supply voltage (VDD -VSS)
VDD
6.0 V max
Voltage on any pin
VDC
VSS -0.3, VDD +0.3
Current on any pin
IDD
10 mA max
Operating temperature
TA
-40°C to + 85
°C
Storage temperature
TS
-65°C to
+ 150°C
Note:
Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied.
Table 2 Absolute Maximum Ratings
Parameter
Symbol
Min
Typ*
Max
Units
Test Conditions
Operating supply voltage
VDD
4.75
5.25
V
Operating supply current
IDD
3.0
7.0
mA
Standby supply current (see Note 3)
IDDQ
100
µA
PD=VDD
Power consumption
PO
15
35
mW
f = 3.579 MHz, VDD = 5.0 V
Low level input voltage
VIL
1.5
V
High level input voltage
VIH
3.5
V
Input leakage current
IIH/IIL
0.1
µA
VIN =VSS or VDD (see Note 2)
Pullup (source) current on OE
ISO
6.5
15.0
µA
OE = 0 V
Input impedance, signal inputs 1, 2
RIN
810
m
@ 1 kHz
Steering threshold voltage
VTSt
2.2
2.5
V
Low level output voltage
VOL
0.03
V
No load
High level output voltage
VOH
4.97
V
No load
Output low (sink) current
IOL
1.0
2.5
mA
VOUT = 0.4 V
Output high (source) current
IOH
0.4
0.8
mA
VOUT = 4.6 V
Output voltage VREF
VREF
2.4
2.7
V
No load
Output resistance VREF
ROR
10
k
*Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Notes:
1. All voltages referenced to VSS unless otherwise noted. For typical values, VDD = 5.0V, VSS = 0V, TA = 25°C.
2. Input pins defined as IN+, IN-, or OE.
3. -02 only.
Table 3 DC Characteristics
Parameter
Symbol
Min
Typ*
Max
Units
Test Conditions
Input leakage current
IN
± 100
nA
VSS < VIN <VDD
Input resistance
RIN
4
M
Input offset voltage
VOS
± 25
mV
Power supply rejection
PSRR
50
dB
1 KHz
Common mode rejection
CMRR
55
dB
-3.0V < VIN < 3.0V
DC open loop voltage gain
AVOL
60
dB
Open loop unity gain bandwidth
fC
1.2
1.5
MHz
Output voltage swing
VO
3.5
VP-P
RL
≥ 100 KΩ to VSS
Tolerable capacitive load (GS)
CL
100
pF
Tolerable resistive load (GS)
RL
50
k
Common mode range
VCM
2.5
V P-P
No load
*Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Note:
1. All voltages referenced to VSS unless otherwise noted. For typical values VDD = 5.0 V, VSS = 0 V, TA = 25°C.
Table 4 Operating Characteristics - Gain Setting Amplifier




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SC9270CDTMF RECEIVER 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
ZL49010_07Wide Dynamic Range DTMF Receiver 1 2 3 4 5 MoreZarlink Semiconductor Inc
CD22202_025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
CD22204_025V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation
KK9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
HT9170B_02DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
L64781Single-Chip COFDM Receiver 1 2 3 4 List of Unclassifed Manufacturers
MAS9079AM Receiver IC 1 2 3 4 5 MoreMicro Analog systems
MC74HCT244A_06Octal 3−State Noninverting Buffer/Line Driver/Line Receiver with LSTTL−Compatible Inputs 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl