Selected language     English  ▼


M-8870-02P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. M-8870-02P
Description  DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
M-8870 DTMF Receiver
Low power consumption
Adjustable acquisition and release times
Central office quality and performance
Power-down and inhibit modes (-02 only)
Inexpensive 3.58 MHz time base
Single 5 volt power supply
Dial tone suppression
Applications include: telephone switch equipment, re-
mote data entry, paging systems, personal computers,
credit card systems
The M-8870 is a full DTMF Receiver that integrates both
bandsplit filter and decoder functions into a single 18-pin DIP or
SOIC package. Manufactured using CMOS process technol-
ogy, the M-8870 offers low power consumption (35 mW max)
and precise data handling. Its filter section uses switched ca-
pacitor technology for both the high and low group filters and for
dial tone rejection. Its decoder uses digital counting techniques
to detect and decode all 16 DTMF tone pairs into a 4-bit code.
External component count is minimized by provision of an
on-chip differential input amplifier, clock generator, and latched
tri-state interface bus. Minimal external components required in-
clude a low-cost 3.579545 MHz color burst crystal, a timing re-
sistor, and a timing capacitor.
The M-8870-02 provides a “power-down” option which, when
enabled, drops consumption to less than 0.5 mW. The
M-8870-02 can also inhibit the decoding of fourth column digits
(see Table 5).
Page 1
Teltone Corporation, 22121-20th Avenue SE, Bothell, WA 98021-4408 U.S.A
Phone: 800-426-3926 or 425-487-1515 Fax: 425-487-2288
40-406-00011, Rev. E
E-mail: info@teltone.com Internet: www.teltone.com
Figure 2 Block Diagram
Figure 1 Pin Connections




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SC9270CDTMF RECEIVER 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
ZL49010_07Wide Dynamic Range DTMF Receiver 1 2 3 4 5 MoreZarlink Semiconductor Inc
CD22202_025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
CD22204_025V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation
KK9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
HT9170B_02DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
L64781Single-Chip COFDM Receiver 1 2 3 4 List of Unclassifed Manufacturers
MAS9079AM Receiver IC 1 2 3 4 5 MoreMicro Analog systems
MC74HCT244A_06Octal 3−State Noninverting Buffer/Line Driver/Line Receiver with LSTTL−Compatible Inputs 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl