Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR03-L05M-CPE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LR03-L05M-CPE
Description  FLOAT SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LR03-L05M-CPE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LR03-L05M-CPE Datasheet HTML 1Page - List of Unclassifed Manufacturers LR03-L05M-CPE Datasheet HTML 2Page - List of Unclassifed Manufacturers LR03-L05M-CPE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LR03 - PLASTIC FLOAT SWITCH
Method of Operation
L E V E R
M O U L D E D
C A B L E S E A L
M I C R O S W I T C H
A N T I - V I B R A T I O N
M O U L D I N G
S T E E L
R O L L E R B A L L
B L A C K
B L U E
B R O W N
P V C O R C P E
S Y N T H E T I C
R U B B E R C A B L E
The micro-switch assembly inside the float, axially mounted in line with the weight, changes contacts
according to the float’s position, as in the diagram below. Therefore as the liquid level drops or rises slowly,
a pump or flow control suitably connected, can be switched in or out to maintain an average level of the
liquid. By connecting only one side of the switch, the unit can be also used to fill or empty the tank as
required.
Dimensions, in mm, do not take into consideration
any lateral swing of the cable.
4 5 °
4 5 °
C O N T A C T B E T W E E N B R O W N
A N D B L U E L E A D S I S M A D E
3 3 0 M I N .
O P E R A T I V E
D E P T H
2 8 0 M I N .
C O N T A C T B E T W E E N B R O W N
A N D B L A C K L E A D S I S M A D E
O P E R A T I N G P O I N T S A R E A P P R O X I M A T E O N L Y
Contact rating:
250V 15A, non-inductive.
250V 10A, inductive.
1.3 HP
NOTE: Local Regulations may limit the voltage.
Max. temperature
70° C
Max. submerged depth 20 metres
Compressive Strength
482 KN/m² (70 lbf/in²)
Operational in specific gravities from 0.9 to 1.3
A comprehensive list of chemical resistances for the
LR03 float switch is available on request.
LR03-Weight
275 g
Connection diagram for automatically emptying tank
B L A C K L E A D
B R O W N L E A D
B L A C K L E A D
C O I L F O R M A X .
2 4 0 V ( A C )
A
B
C
T O P U M P
M O T O R
M A I N S S U P P L Y
N L 3 L 2 L 1
Connection diagram for automatically refilling tank
B L U E L E A D
B L U E L E A D
B R O W N L E A D
C O I L F O R M A X .
2 5 0 V ( A C )
M A I N S S U P P L Y
A
B
C
T O P U M P
M O T O R
N L 3 L 2 L 1
When ordering please specify part numbers.
Type
Part Number
Weight (Approx)
Type
Part Number
Weight (Approx)
5 metre PVC cable LR03-L05M-PVC
0.6 Kg
5 metre CPE cable LR03-L05M-CPE
0.6 Kg
10 metre PVC cable LR03-L10M-PVC
1.1 Kg
10 metre CPE cable LR03-L10M-CPE
1.1 Kg
20 metre PVC cable LR03-L20M-PVC
2.1 Kg
20 metre CPE cable LR03-L20M-CPE
2.1 Kg


Similar Part No. - LR03-L05M-CPE

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR0300107 ALPHAWIRE-LR0300107 Datasheet
131Kb / 2P
   Mini Male 7/8?
LR0300113 ALPHAWIRE-LR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8?
LR03KR107 ALPHAWIRE-LR03KR107 Datasheet
148Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR03KR113 ALPHAWIRE-LR03KR113 Datasheet
151Kb / 3P
   Mini Male 7/8??to Mini Female
LR03KW107 ALPHAWIRE-LR03KW107 Datasheet
153Kb / 2P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
More results

Similar Description - LR03-L05M-CPE

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
logo
Cynergy3 Co
EXT025M12PP CYNERGY3-EXT025M12PP Datasheet
297Kb / 1P
   extension tubes for float switches
LLF CYNERGY3-LLF Datasheet
402Kb / 1P
   Vertical Fast Lift Float switches
logo
Magnetrol International...
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
   External Cage Float Actuated Liquid Level Switches
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
logo
Cynergy3 Co
CW1 CYNERGY3-CW1 Datasheet
299Kb / 1P
   Counterweight for use on cable suspended float switches.
logo
PIC GmbH
PFC-2320-3 PIC-PFC-2320-3 Datasheet
43Kb / 1P
   Magnet Float
logo
American Electronic Com...
FCNA3710AW AEC-FCNA3710AW Datasheet
423Kb / 2P
   Float Controls
logo
PIC GmbH
PFM-PP-Q-001 PIC-PFM-PP-Q-001 Datasheet
75Kb / 1P
   Magnet Float
logo
Pepperl+Fuchs Inc.
LFL2-CK-U-TPK5-EMS PF-LFL2-CK-U-TPK5-EMS Datasheet
531Kb / 3P
   Float Switch
2021-07-27
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com