Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33274A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV33274A
Description  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33274A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV33274A Datasheet HTML 2Page - ON Semiconductor NCV33274A Datasheet HTML 3Page - ON Semiconductor NCV33274A Datasheet HTML 4Page - ON Semiconductor NCV33274A Datasheet HTML 5Page - ON Semiconductor NCV33274A Datasheet HTML 6Page - ON Semiconductor NCV33274A Datasheet HTML 7Page - ON Semiconductor NCV33274A Datasheet HTML 8Page - ON Semiconductor NCV33274A Datasheet HTML 9Page - ON Semiconductor NCV33274A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33272A, MC33274A, NCV33274A
http://onsemi.com
6
TA = 55°C
TA = 125°C
TA = 25°C
TA = 25°C
TA = −55°C
TA = 125°C
VCC = +15 V
RL to VCC
VEE = Gnd
RFdbk = 100 kW
Figure 8. Split Supply Output Voltage Swing
versus Supply Voltage
Figure 9. Split Supply Output Saturation
Voltage versus Load Current
Figure 10. Single Supply Output Saturation
Voltage versus Load Resistance to Ground
Figure 11. Single Supply Output Saturation
Voltage versus Load Resistance to VCC
Figure 12. Output Voltage versus Frequency
Figure 13. Common Mode Rejection
versus Frequency
0
5.0
10
15
20
VCC, VEE SUPPLY VOLTAGE (V)
TA = 25°C
RL = 10 kW
RL = 2.0 kW
5.0
10
15
20
0
IL, LOAD CURRENT (±mA)
Source
TA = 125°C
TA = 25°C
TA = −55°C
100
1.0 k
10 k
100 k
1.0 M
RL , LOAD RESISTANCE TO GROUND (kW)
VCC
VCC = +5.0 V to +18 V
RL to Gnd
VEE = Gnd
TA = 55°C
TA = 125°C
TA = +25°C
TA = −55°C
Gnd
TA = 125°C
10
100
1.0 k
100 k
RL, LOAD RESISTANCE TO VCC (W)
1.0 k
10 k
1.0 M
1 0M
100 k
f, FREQUENCY (Hz)
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
AV = +1.0
THD =
≤1.0%
TA = 25°C
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
TA = −55°C
TA = 125°C
VCC = +15 V
VEE = −15 V
VCM = 0 V
DVCM = ±1.5 V
VCC = +5.0 V to +18 V
VEE = −5.0 V to −18 V
10 k
Sink
TA = 125°C
TA = 25°C
TA = −55°C
CMR = 20Log
ADM
+
DVCM
DVO
X ADM
DVCM
DVO
40
30
20
10
0
VCC
VCC −1.0
VCC −2.0
VEE +2.0
VEE +1.0
VEE
VCC
VCC −4.0
VCC −8.0
VCC −12
+0.2
+0.1
0
15
14.6
14.2
8.0
4.0
0
28
24
20
16
12
8
4
0
120
100
80
60
40
20
0


Similar Part No. - NCV33274A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33274A ONSEMI-NCV33274A Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
NCV33274AD ONSEMI-NCV33274AD Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
NCV33274AD ONSEMI-NCV33274AD Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
NCV33274ADG ONSEMI-NCV33274ADG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
NCV33274ADG ONSEMI-NCV33274ADG Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - NCV33274A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com