Electronic Components Datasheet Search
Selected language     English  ▼


J00-0062 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. J00-0062
Description  1x1 Tab-DOWN RJ45
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 1 page
background image
10/100 Base-T Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
RoHS-5
4
RoHS-6
5
Insertion
Return Loss
Common Mode
Compliant
Compliant
Data
Turns
EMI
1
LEDs
2
BST
Loss
(dB MIN)
Crosstalk
Rejection
Hipot
Part No.
Part No.
Rate
Ratios
Fingers
(L/R)
(dB MAX)
100
Ω ±15Ω
(dB MIN)
(dB MIN)
(Vrms)
TX
RX
1-65MHz
1-10MHz
10-30MHz 30-60MHz 60-80MHz
1-30MHz 30-60MHz
60-100MHz 1-50MHz
50-150MHz @60Hz 1 MIN
J00-0014
J00-0014NL
100BT
1CT:1
1CT:1
No
None
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0042
J00-0042NL
100BT
1CT:1
1CT:1
No
None
No
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0045
J00-0045NL
100BT
1CT:1
1CT:1
No
G/Y
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0046
J00-0046NL
100BT
1CT:1
1CT:1
No
G/Y
No
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0061
J00-0061NL
100BT
1CT:1
1CT:1
Yes
None
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0064
J00-0064NL
100BT
1CT:1
1CT:1
Yes
None
No
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0065
J00-0065NL
100BT
1CT:1
1CT:1
Yes
G/Y
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0066
J00-0066NL
100BT
1CT:1
1CT:1
Yes
G/Y
No
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
STARJACKTM
1x1 Tab-DOWN RJ45
www.pulseeng.com
Features and Benefits:
RoHS-5 peak wave solder temperature rating 235°C
RoHS-6 peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
Electrical Performance Summary:
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for Max EMI suppression for cost-conscious applications
Description:
10/100 Base-TX RJ45 1x1 Tab-DOWN 8-pin Integrated Magnetics Connector, designed to support high volume
cost-conscious consumer applications such as: ADSL modems, Cable modems, STB and Video on Demand.
NOTES:
1. For an explanation of EMI fingers, refer to the mechanical drawing page.
2. LEDs Left/Right: G=green, Y=yellow.
3. IEEE802.3i (10Base-T) standard does not require these parts to achieve
350µH minimum OCL with 8mA bias current for 10Base-T parts.
4. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in the RoHS
directive. Product contains lead in applications considered as solders.
5. RoHS-6 - Product does not contain 5 out of the 6 banned substances specified in the RoHS
directive. Some internal connections may contain lead in high temperature solder (solder alloys
containing more than 85% lead).
Mating Force
Unmating Force
Plug to Jack
Part Number
(MAX)
(MAX)
Durability
Retention (MIN)
J00 Series
5lbs./2.268kgs.
5lbs./2.268kgs.
750 Insertions
20lbs./9.072kgs.
RJ45 Durability Testing Rating
10 Base-T Electrical Specifications @ 25°C — Operating Temperature 0°C to +70°C
RoHS-5
4
RoHS-6
5
Insertion
Return Loss
Common Mode
Compliant
Compliant
Data
Turns
EMI
1
LEDs
2
BST
Loss
(dB MIN)
Crosstalk
Rejection
Hipot
Part No.
Part No.
Rate
Ratios
Fingers
(L/R)
(dB MAX)
100
Ω ±15Ω
(dB MIN)
(dB MIN)
(Vrms)
TX
RX
1-10MHz
1-10MHz
1-10MHz
5MHz
@60Hz 1 MIN
J00-0025
3
J00-0025 NL
3
10BT
1CT:2.5
1CT:1
Yes
None
No
-1
-15
-30
-25
1500
J00-0051
3
J00-0051NL
3
10BT
1CT:2.5
1CT:1
Yes
G/Y
No
-1
-15
-30
-25
1500
J00-0062
3
J00-0062 NL
3
10BT
1CT:2.5
1CT:1
No
None
No
-1
-15
-30
-25
1500
J00-0063
3
J00-0063NL
3
10BT
1CT:2.5
1CT:1
No
G/Y
No
-1
-15
-30
-25
1500
NOTES: 1. Connector dimensions comply with FCC dimension requirements.
2. MSL - Moisture Sensitivity Level class limits = 1 to 5 (Highest: 1; Lowest: 5).
Part
Shield
Contact
Housing
MSL2
Number
Material
Finish
Material
Plating Area
Solder Area 3
Material
Specification
Rating
J00
20-40m inches Nickel over
Phosphor
Nickel underplating and
120µ inches Sn90/Pb10
Series
Brass
10-20m inches Brass
Bronze
selective gold plating 15µ inches
over 50µ inches nickel
Thermoplastic
UL 94 V-0
1
RJ45 Material Specification
3. RoHS-6 parts are tin matte finish over nickel.
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
J414.C (6/06)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
J0006D01B10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin J0 series integrated magnetics connector ICM designed to 1 2 3 4 5 MorePulse A Technitrol Company
S36SE3R305NRFADelphi S36SE 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in 3.3V/5A out 1 2 3 4 5 MoreDelta Electronics, Inc.
S48SP3R310Delphi Series S48SP 35W 1x1 Brick DC/DC Power Modules: 48V in 3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
HA4201_06480MHz 1x1 Video Crosspoint Switch with Tally Output 1 2 3 4 5 MoreIntersil Corporation
515-10703 x 5mm Rectangular Optopipe Optical Light Pipe 2 Array RJ45 Jack 1 Dialight Corporation
ARJ-1XXTAP DOWN RJ45 LAN MAGNETIC 1 2 Abracon Corporation
ARJ-10XXGIGABIT RJ45 LAN MAGNETIC 1 2 Abracon Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl