Selected language     English  ▼


J00-0063 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part No. J00-0063
Description  1x1 Tab-DOWN RJ45
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 2 page
background image
STARJACKTM
1x1 Tab-DOWN RJ45
J00-00XX Series Mechanicals
LED Configuration
www.pulseeng.com
Patent Pending
Date Code
Country of Origin
JXXXXXXXX
TM
.545
13,84
LEFT LED
RIGHT LED
.640
16,26
.140
3,56 SHIELD PIN
.290
7,37
.425
10,80
.020
0,51
.135
3,43
.020
0,51
.125
3,18
.020
0,51
.095
2,41
SIGNAL PINS
HOUSING POST
.850
21,59MAX
.350
8,89
.100
2,54
.120
3,05
.250
6,35
.100
2,54
.024
0,61
.398
10,11
.450
11,43
.620
15,75
.498
12,65
75 3 1
86 4 2
.003
0,08
8X .035
0,89
2X.064
1,63
4X .040
1,02
2X .128
3,25
11
12
10
9
.193
4,90
.133
3,38
.050
1,27
FRONT
BACK
HOUSING POST
SHIELD PIN
.560
14,22
TOP OF PCB
TO BOTTOM
OF OPENING
.010
0,25
R 2.54
6,45
4X R
MAX
.010
0,25
.660
16,76
FRONT VIEW
Viewed from PCB Component side
Connector Marking
(An example - parts are marked on
the top or end surface as shown)
BACK
FRONT
SIDE VIEW
EMI Fingers
Part Number
Location
Green / Yellow LED Specification - (LEDs without internal resistors)
Right LED
12
11
Left LED
9
10
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Assumes bias current = 20mA
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
J414.C (6/06)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
J0006D01B10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin J0 series integrated magnetics connector ICM designed to 1 2 3 4 5 MorePulse A Technitrol Company
S36SE3R305NRFADelphi S36SE 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in 3.3V/5A out 1 2 3 4 5 MoreDelta Electronics, Inc.
S48SP3R310Delphi Series S48SP 35W 1x1 Brick DC/DC Power Modules: 48V in 3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
HA4201_06480MHz 1x1 Video Crosspoint Switch with Tally Output 1 2 3 4 5 MoreIntersil Corporation
515-10703 x 5mm Rectangular Optopipe Optical Light Pipe 2 Array RJ45 Jack 1 Dialight Corporation
ARJ-1XXTAP DOWN RJ45 LAN MAGNETIC 1 2 Abracon Corporation
ARJ-10XXGIGABIT RJ45 LAN MAGNETIC 1 2 Abracon Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl