Selected language     English  ā–¼


J00-0065NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part No. J00-0065NL
Description  1x1 Tab-DOWN RJ45
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 3 page
background image
STARJACKTM
1x1 Tab-DOWN RJ45
www.pulseeng.com
J00-00XX Series Electrical Schematics
TD+ 1
CT 4
TD- 2
RD+ 3
CT 5
RD- 6
7
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
1CT : 1
TRANSMIT
1CT : 1
RECEIVE
GND* 8
*Connecting pin 8 to Ground makes J00-0042/46/64/66
footprint compatible to J00-0014/45/61/65.
J00-0042/46/64/66
J00-0014/45/61/65
J00-0025/51/62/63
0.001mF
1CT : 1
RECEIVE
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
TD+ 1
CT 4
TD- 2
RD+ 3
CT 5
RD- 6
NC 7
8
1CT : 1
TRANSMIT
CHS
GROUND
75
75
75
75
NOTE: Connect CHS GND to PCB ground.
TD+ 1
CT 7
TD- 2
RD+ 3
CT 8
RD- 6
4
5
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
1CT : 2.5
TRANSMIT
1CT : 1
RECEIVE
www.pulseeng.com
J414.C (6/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 85538070
FAX: 86 769 85538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
Ā© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
J0006D01B10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin J0 series integrated magnetics connector ICM designed to 1 2 3 4 5 MorePulse A Technitrol Company
S36SE3R305NRFADelphi S36SE 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in 3.3V/5A out 1 2 3 4 5 MoreDelta Electronics, Inc.
S48SP3R310Delphi Series S48SP 35W 1x1 Brick DC/DC Power Modules: 48V in 3.3V/10A out 1 2 3 4 5 MoreDelta Electronics, Inc.
HA4201_06480MHz 1x1 Video Crosspoint Switch with Tally Output 1 2 3 4 5 MoreIntersil Corporation
515-10703 x 5mm Rectangular Optopipe Optical Light Pipe 2 Array RJ45 Jack 1 Dialight Corporation
ARJ-1XXTAP DOWN RJ45 LAN MAGNETIC 1 2 Abracon Corporation
ARJ-10XXGIGABIT RJ45 LAN MAGNETIC 1 2 Abracon Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl