Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89E564RD-40-C-NJ Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST89E564RD-40-C-NJ
Description  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564RD-40-C-NJ Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST89E564RD-40-C-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E564RD-40-C-NJ Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
11
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
3.0 MEMORY ORGANIZATION
The device has separate address spaces for program and
data memory.
3.1 Program Flash Memory
There are two internal flash memory blocks in the device.
The primary flash memory block (Block 0) has 64/32
KByte. The secondary flash memory block (Block 1) has 8
KByte. Since the total program address space is limited to
64 KByte, the SFCF[1:0] bit are used to control program
bank selection. Please refer to Figure 3-1 and Figure 3-2
for the program memory configurations. Program bank
selection is described in the next section.
The 64K/32K x8 primary SuperFlash block is organized as
512/256 sectors, each sector consists of 128 Bytes.
The 8K x8 secondary SuperFlash block is organized as 64
sectors, each sector consists also of 128 Bytes.
For both blocks, the 7 least significant program address bits
select the byte within the sector. The remainder of the pro-
gram address bits select the sector within the block.
FIGURE
3-1: PROGRAM MEMORY ORGANIZATION FOR SST89E564RD AND SST89V564RD
1207 F02.0
External
64 KByte
EA# = 0
FFFFH
0000H
64 KByte
Block 0
EA# = 1
SFCF[1:0] = 01, 10, 11
FFFFH
0000H
56 KByte
Block 0
8 KByte
Block 1
EA# = 1
SFCF[1:0] = 00
FFFFH
2000H
0000H
1FFFH


Similar Part No. - SST89E564RD-40-C-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564RD-40-C-NJ SST-SST89E564RD-40-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-40-C-NJ SST-SST89E564RD-40-C-NJ Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E564RD-40-C-NJE SST-SST89E564RD-40-C-NJE Datasheet
962Kb / 90P
   FlashFlex MCU
More results

Similar Description - SST89E564RD-40-C-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com