Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50P04-15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50P04-15
Description  P-Channel 40-V (D-S), 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50P04-15 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50P04-15 Datasheet HTML 1Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 2Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 3Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 4Page - Vishay Siliconix SUD50P04-15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUD50P04-15
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2
Document Number: 71176
S-00830—Rev. A, 24-Apr-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –250 mA
–40
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –40 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –40 V, VGS = 0 V, TJ = 125_C
–50
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –10 V
–120
A
DiS
OS
R
i
a
VGS = –10 V, ID = –30 A
0.012
0.015
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –10 V, ID = –30 A, TJ = 125_C
0.024
W
VGS = –4.5 V, ID = –20 A
0.018
0.023
Forward Transconductancea
gfs
VDS = –15 V, ID = –30 A
20
S
Dynamicb
Input Capacitance
Ciss
5400
F
Output Capacitance
Coss
VGS = 0 V, VDS = –25 V, f = 1 MHz
640
pF
Reverse Transfer Capacitance
Crss
300
Total Gate Chargec
Qg
V20 V V
10 V I
50 A
85
130
C
Gate-Source Chargec
Qgs
VDS = –20 V, VGS = –10 V, ID = –50 A
25
nC
Gate-Drain Chargec
Qgd
15
Turn-On Delay Timec
td(on)
V20 V R
0 4
W
15
25
Rise Timec
tr
VDD = –20 V, RL = 0.4 W
I50 A V
10 V R
2 5
W
380
580
ns
Turn-Off Delay Timec
td(off)
DD
,
L
ID ^ –50 A, VGEN = –10 V, RG = 2.5 W
75
115
ns
Fall Timec
tf
140
210
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current
ISM
–150
A
Diode Forward Voltagea
VSD
IF = –50 A, VGS = 0 V
–1.2
–1.5
V
Source-Drain Reverse Recovery Time
trr
IF = –50 A, di/dt = 100 A/ms
40
80
ns
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Similar Part No. - SUD50P04-15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-15 VISHAY-SUD50P04-15 Datasheet
62Kb / 4P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. A, 24-Apr-00
logo
VBsemi Electronics Co.,...
SUD50P04-15-E3 VBSEMI-SUD50P04-15-E3 Datasheet
976Kb / 9P
   P-Channel 40 V (D-S) MOSFET
SUD50P04-15L-GE3 VBSEMI-SUD50P04-15L-GE3 Datasheet
977Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SUD50P04-15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB65P04-15 VISHAY-SUB65P04-15 Datasheet
57Kb / 5P
   P-Channel 40-V (D-S) 175C MOSFET
Rev. A, 01-May-00
SUD50P04-15 VISHAY-SUD50P04-15 Datasheet
62Kb / 4P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. A, 24-Apr-00
SUD50P04-09L VISHAY-SUD50P04-09L Datasheet
44Kb / 4P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. B, 06-Aug-07
SUB70N04-10 VISHAY-SUB70N04-10 Datasheet
55Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 10-Dec-01
SUM110N04-03L VISHAY-SUM110N04-03L Datasheet
40Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 25-Nov-02
SUB85N04-03 VISHAY-SUB85N04-03 Datasheet
69Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Mar-00
SUP85N04-04 VISHAY-SUP85N04-04 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
SUM110N04-2M7H VISHAY-SUM110N04-2M7H Datasheet
179Kb / 3P
   N-Channel 40-V (D-S) 175C MOSFET
09-Jun-04
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD30N04-10 VISHAY-SUD30N04-10 Datasheet
66Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 18-Aug-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com