Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBB1012MMTL-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # TBB1012MMTL-E
Description  Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TBB1012MMTL-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  TBB1012MMTL-E Datasheet HTML 1Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 2Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 3Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 4Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 5Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 6Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 7Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 8Page - Renesas Technology Corp TBB1012MMTL-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.2.00
Aug 22, 2006
page 1 of 13
TBB1012
Twin Built in Biasing Circuit MOS FET IC
UHF/VHF RF Amplifier
REJ03G1245-0200
Rev.2.00
Aug 22, 2006
Features
• Small SMD package CMPAK-6 built in twin BBFET; To reduce using parts cost & PC board space.
• Very useful for total tuner cost reduction.
• Suitable for World Standard Tuner RF amplifier.
• High gain
• Low noise
• Low output capacitance
• Power supply voltage: 5 V
Outline
RENESAS Package code: PTSP0006JA-A
(Package name: CMPAK-6)
1. Drain(1)
2. Source
3. Drain(2)
4. Gate-1(2)
5. Gate-2
6. Gate-1(1)
3
1
6
4
2
5
Notes:
1.
Marking is “MM“.
2.
TBB1012 is individual type number of Renesas TWIN BBFET.
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
6
V
Gate1 to source voltage
VG1S
+6
–0
V
Gate2 to source voltage
VG2S
+6
–0
V
Drain current
ID
30
mA
Channel power dissipation
Pch
Note3
250
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 3. Value on the glass epoxy board (50mm
× 40mm × 1mm).


Similar Part No. - TBB1012MMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1012MMTL-E RENESAS-TBB1012MMTL-E Datasheet
166Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results

Similar Description - TBB1012MMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1005 RENESAS-TBB1005_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_15 Datasheet
225Kb / 15P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1017 RENESAS-TBB1017 Datasheet
238Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1005 RENESAS-TBB1005 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1002 RENESAS-TBB1002_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_11 Datasheet
166Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com