Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL3766 Datasheet(PDF) 8 Page - Ericsson

Part # PBL3766
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3766 Datasheet(HTML) 8 Page - Ericsson

Back Button PBL3766 Datasheet HTML 4Page - Ericsson PBL3766 Datasheet HTML 5Page - Ericsson PBL3766 Datasheet HTML 6Page - Ericsson PBL3766 Datasheet HTML 7Page - Ericsson PBL3766 Datasheet HTML 8Page - Ericsson PBL3766 Datasheet HTML 9Page - Ericsson PBL3766 Datasheet HTML 10Page - Ericsson PBL3766 Datasheet HTML 11Page - Ericsson PBL3766 Datasheet HTML 12Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
4-8
PBL 3766
Pin Description
PLCC: 28-pin, plastic, j-leaded chip carrier. DIP: 22-pin, dual-in-line (batwing), plastic package. Refer to figure 7.
PLCC
DIP
Symbol
Description
1
-
RINGX
Sense
RINGX
Sense is internally connected to RINGX. RINGXSense is used during manufacturing, but
requires no connection in SLIC applications, i.e. leave open.
2
1
GND
Ground.
3
-
VBAT
Refer to PLCC, terminal 6 description.
4
2
VCC
+5 V power supply.
5
3
RINGRLY Ring relay driver output. Open emitter with grounded collector (npn). Sources 50 mA from ground
to a relay coil connected to a negative voltage. Must be protected by external inductive kick-back
diode. Positive voltage relay driver can be provided as a metal mask option. Contact factory for
availability.
6, 3,
5, 6,
VBAT
Battery supply voltage. Negative with respect to GND. -21 V to -58 V. All VBAT terminals
10, 17, 17, 18
should be connected to printed circuit board traces to provide heatsinking.
24
7
4
RSG
Saturation guard programming resistor, R
SG, connects from this terminal to VEE. Leave open for
nominal battery voltages from -24 V to -28 V. Connect to VEE for a nominal battery voltage of -48
V. For other battery voltages and for detailed information refer to section Battery Feed.
8
-
NC
No internal connection. Note 1.
9
7
E0
TTL compatible enable input. Enables the DET output, when set to logic level low and disables the
DET
output, when set to logic level high. Refer to section Enable Input for detailed information.
10
-
VBAT
Refer to PLCC, terminal 6 description.
Figure 7. Pin configuration, 28-pin plastic leaded chip carrier and 22-pin plastic dual-in-line package, top view.
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VTX
GND
VCC
RINGRLY
RSG
VBAT
VBAT
E0
DET
C2
C1
RDC
RINGX
TIPX
DT
RD
VBAT
VBAT
HPR
HPT
VEE
RSN
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC
VBAT
DT
RD
HPR
HPT
VTX
RINGRLY
VBAT
RSG
NC
E0
VBAT
DET


Similar Part No. - PBL3766

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3762 ERICSSON-PBL3762 Datasheet
1Mb / 16P
   Subcriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results

Similar Description - PBL3766

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com