Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89E564RD-40-C-TQJ Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST89E564RD-40-C-TQJ
Description  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564RD-40-C-TQJ Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST89E564RD-40-C-TQJ Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E564RD-40-C-TQJ Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
1
The SST logo, SuperFlash, and FlashFlex are registered trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
8-bit 8051-Compatible Microcontroller (MCU)
with Embedded SuperFlash Memory
– Fully Software Compatible
– Development Toolset Compatible
– Pin-For-Pin Package Compatible
SST89E564RD/SST89E554RC Operation
– 0 to 40 MHz at 5V
SST89V564RD/SST89V554RC Operation
– 0 to 33 MHz at 3V
Total 1 KByte Internal RAM (256 Byte + 768 Byte)
Dual Block SuperFlash EEPROM
– SST89E564RD/SST89V564RD:
64 KByte primary block + 8 KByte secondary
block (128-Byte sector size for both blocks)
– SST89E554RC/SST89V554RC:
32 KByte primary block + 8 KByte secondary
block (128-Byte sector size for both blocks)
– Individual Block Security Lock with SoftLock
– Concurrent Operation during
In-Application Programming (IAP)
– Memory Overlay for Interrupt Support
during IAP
Support External Address Range up to 64
KByte of Program and Data Memory
Three High-Current Port 1 pins (16 mA each)
Three 16-bit Timers/Counters
Full-Duplex, Enhanced UART
– Framing error detection
– Automatic address recognition
Eight Interrupt Sources at 4 Priority Levels
Programmable Watchdog Timer (WDT)
Programmable Counter Array (PCA)
Four 8-bit I/O Ports (32 I/O Pins)
Second DPTR register
Low EMI Mode (Inhibit ALE)
SPI Serial Interface
Standard 12 Clocks per cycle, the device has an
option to double the speed to 6 clocks per cycle.
TTL- and CMOS-Compatible Logic Levels
Brown-out Detection
Low Power Modes
– Power-down Mode with External Interrupt Wake-up
– Idle Mode
PDIP-40, PLCC-44 and TQFP-44 Packages
Temperature Ranges:
– Commercial (0°C to +70°C)
– Industrial (-40°C to +85°C)
PRODUCT DESCRIPTION
The SST89E564RD, SST89V564RD, SST89E554RC, and
SST89V554RC are members of the FlashFlex51 family of 8-
bit microcontroller products designed and manufactured with
the state-of-the-art SuperFlash CMOS semiconductor pro-
cess technology. The devices use the 8051 instruction set
and are pin-for-pin compatible with standard 8051 microcon-
troller devices.
The device comes with 72/40 KByte of on-chip flash
EEPROM program memory using SST’s patented and pro-
prietary CMOS SuperFlash EEPROM technology with the
SST’s field-enhancing, tunneling injector, split-gate mem-
ory cells. The SuperFlash memory is partitioned into 2
independent program memory blocks. The primary Super-
Flash Block 0 occupies 64/32 KByte of internal program
memory space and the secondary SuperFlash Block 1
occupies 8 KByte of internal program memory space. The
8-KByte secondary SuperFlash block can be mapped to
the lowest location of the 64/32 KByte address space; it
can also be hidden from the program counter and used as
an independent EEPROM-like data memory. The flash
memory blocks can be programmed via a standard 87C5x
OTP EPROM programmer fitted with a special adapter and
firmware for SST’s device. During the power-on reset, the
device can be configured as a slave to an external host for
source code storage or as a master to an external host for
an in-application programming (IAP) operation. The device
is designed to be programmed in-system and in-application
on the printed circuit board for maximum flexibility. The
device is pre-programmed with an example of the boot-
strap loader in the memory, demonstrating the initial user
program code loading or subsequent user code updating
via the IAP operation. An example bootstrap loader is avail-
able for the user’s reference and convenience only. SST
does not guarantee the functionality or the usefulness of
the sample bootstrap loader. Chip-Erase operations will
erase the pre-programmed sample code.
In addition to 72/40 KByte of SuperFlash EEPROM pro-
gram memory on-chip, the device can address up to 64
KByte of external program memory. In addition to 1024 x8
bits of on-chip RAM, up to 64 KByte of external RAM can
be addressed.
SST’s highly reliable, patented SuperFlash technology and
memory cell architecture have a number of important
advantages
for
designing
and
manufacturing
flash
EEPROMs. These advantages translate into significant
cost and reliability benefits for our customers.
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
SST89E/V564RD SST89E/VE554RC FlashFlex51 MCU


Similar Part No. - SST89E564RD-40-C-TQJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564RD-40-C-TQJ SST-SST89E564RD-40-C-TQJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-40-C-TQJ SST-SST89E564RD-40-C-TQJ Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E564RD-40-C-TQJE SST-SST89E564RD-40-C-TQJE Datasheet
962Kb / 90P
   FlashFlex MCU
More results

Similar Description - SST89E564RD-40-C-TQJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com