Electronic Components Datasheet Search |
|
MC7924CTG Datasheet(PDF) 10 Page - ON Semiconductor |
|
MC7924CTG Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 16 page MC7900 Series http://onsemi.com 10 Figure 11. D2PAK Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length PD(max) for TA = +50°C 30 40 50 60 70 80 010 20 30 25 15 5.0 L, LENGTH OF COPPER (mm) Minimum Size Pad 2.0 oz. Copper L L Free Air Mounted Vertically RqJA 1.0 1.5 2.0 2.5 3.0 3.5 DEFINITIONS Line Regulation − The change in output voltage for a change in the input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. Load Regulation − The change in output voltage for a change in load current at constant chip temperature. Maximum Power Dissipation − The maximum total device dissipation for which the regulator will operate within specifications. Input Bias Current − That part of the input current that is not delivered to the load. Output Noise Voltage − The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range. Long Term Stability − Output voltage stability under accelerated life test conditions with the maximum rated voltage listed in the devices’ electrical characteristics and maximum power dissipation. |
Similar Part No. - MC7924CTG |
|
Similar Description - MC7924CTG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |