Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91R40008 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91R40008
Description  ARM짰 Thumb짰 Microcontrollers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40008 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91R40008_02 Datasheet HTML 2Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 3Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 4Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 5Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 6Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 7Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 8Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 9Page - ATMEL Corporation AT91R40008_02 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
AT91R40008
1732CS–ATARM–02/02
User Peripherals
Two independently configurable USARTs enable communication at a high baud rate in syn-
chronous or asynchronous mode. The format includes start, stop and parity bits and up to 8
data bits. Each USART also features a Time-out and a Time-guard register, facilitating the
use of the two dedicated Peripheral Data Controller (PDC) channels.
The 3-channel, 16-bit Timer/Counter (TC) is highly programmable and supports capture or
waveform modes. Each TC channel can be programmed to measure or generate different
kinds of waves, and can detect and control two input/output signals. The TC also has three
external clock signals.


Similar Part No. - AT91R40008_02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40008 ATMEL-AT91R40008_05 Datasheet
338Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91R40008 ATMEL-AT91R40008_06 Datasheet
275Kb / 19P
   AT91 ARM Thumb-based Microcontroller
More results

Similar Description - AT91R40008_02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40807-33AU ATMEL-AT91R40807-33AU Datasheet
247Kb / 19P
   ARM짰 Thumb짰 Microcontrollers
AT91M40800-33AI ATMEL-AT91M40800-33AI Datasheet
1Mb / 153P
   ARM짰 Thumb짰 Microcontrollers
AT91SAM7S64 ATMEL-AT91SAM7S64 Datasheet
5Mb / 482P
   AT91 ARM짰 Thumb짰-based Microcontrollers
AT91SAM7S256 ATMEL-AT91SAM7S256 Datasheet
502Kb / 42P
   AT91 ARM짰 Thumb짰-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_08 Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
logo
Texas Instruments
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com