Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53124PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124PW
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53124PW Datasheet HTML 6Page - Texas Instruments TPS53124PW Datasheet HTML 7Page - Texas Instruments TPS53124PW Datasheet HTML 8Page - Texas Instruments TPS53124PW Datasheet HTML 9Page - Texas Instruments TPS53124PW Datasheet HTML 10Page - Texas Instruments TPS53124PW Datasheet HTML 11Page - Texas Instruments TPS53124PW Datasheet HTML 12Page - Texas Instruments TPS53124PW Datasheet HTML 13Page - Texas Instruments TPS53124PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Current Protection
10
TRIP
TRIP
V
( mV )
R
( k
)
( A )
m
=
W ´
(1)
1
2
2
IN
OUT
OUT
TRIP
RIPPLE
TRIP
OCP
DS ( on )
DS ( on )
IN
(V
V
) V
V
I
V
I
R
R
L
f
V
-
´
=
+
=
+
´
´ ´
(2)
Over/Under Voltage Protection
UVLO Protection
Thermal Shutdown
TPS53124
SLUS825B – FEBRUARY 2008 – REVISED MAY 2008 ..................................................................................................................................................... www.ti.com
TPS53124 has cycle-by-cycle over current limiting control. The inductor current is monitored during the ‘OFF’
state and the controller keeps the OFF state during the inductor current is larger than the over-current trip level.
In order to provide both good accuracy and cost effective solution, TPS53124 supports temperature
compensated MOSFET RDS(on) sensing. TRIPx pin should be connected to GND through the trip voltage setting
resistor, RTRIP. TRIPx terminal sources 10-µA ITRIP current at the ambient temperature and the trip level is set to
the OCL trip voltage VTRIP as below:
The trip level should be in the range of 30 mV to 200 mV over all operational temperature. The inductor current is
monitored by the voltage between PGNDx pin and LLx pin. ITRIP has 4000ppm/°C temperature slope to
compensate the temperature dependency of the RDS(on). PGNDx is used as the positive current sensing node so
that PGNDx should be connected to the source terminal of the bottom MOSFET.
As the comparison is done during the OFF state, VTRIP sets valley level of the inductor current. Thus, the load
current at over-current threshold, IOCP, can be calculated as follows:
In an over-current condition, the current to the load exceeds the current to the output capacitor; thus the output
voltage tends to fall off. Eventually, it will end up with crossing the under voltage protection threshold and
shutdown.
TPS53124 monitors a resistor divided feedback voltage to detect over and under voltage. When the feedback
voltage becomes higher than 115% of the target voltage, the OVP comparator output goes high and the circuit
latches as the high-side MOSFET driver OFF and the low-side MOSFET driver ON.
When the feedback voltage becomes lower than 70% of the target voltage, the UVP comparator output goes
high and an internal UVP delay counter begins counting. After 30
µs, TPS53124 latches OFF both top and
bottom MOSFET drivers, and shut off both drivers of another channel. This function is enabled approximately 2.0
ms.
TPS53124 has V5FILT Under Voltage Lock Out protection (UVLO). When the V5FILT voltage is lower than
UVLO threshold voltage TPS53124 is shut off. This is non-latch protection.
TPS53124 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 150
°C),
the switchers will be shut off as both DRVH and DRVL at low, the output discharge function enabled. Then
TPS53124 is shut off. This is non-latch protection.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS53124


Similar Part No. - TPS53124PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results

Similar Description - TPS53124PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com