Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D192C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D192C
Description  Control/Communicators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D192C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D192C Datasheet HTML 1Page - List of Unclassifed Manufacturers D192C Datasheet HTML 2Page - List of Unclassifed Manufacturers D192C Datasheet HTML 3Page - List of Unclassifed Manufacturers D192C Datasheet HTML 4Page - List of Unclassifed Manufacturers D192C Datasheet HTML 5Page - List of Unclassifed Manufacturers D192C Datasheet HTML 6Page - List of Unclassifed Manufacturers D192C Datasheet HTML 7Page - List of Unclassifed Manufacturers D192C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
D9412G/D7412G
D9412G/D7412G Specifications
47487B
Page 3
© 2001 Radionics
Scheduled Events (Skeds)
D9412G/D7412G internal clock and calendar help the
panel operate individual scheduled events (Skeds).
Skeds perform a specific function (such as arm/disarm,
relay control, point bypassing, etc.). Each Sked is
programmed for a time and day-of-week schedule or a
date-of-year schedule.
Users may change Sked Time if programmed for local
time editing. Holiday schedules can enable or disable
individual Skeds during holiday periods.
64 scheduled events with up to 26 different
functions
Day-of-week or date-of-year schedules
Four holiday schedules of 366 days each (leap
year)
Fire Test
D9412G/D7412G Fire Test Mode suppresses reports to
the central station receiver so you can test initiating and
indicating devices without transmitting alarms. Initiating
Fire Test Mode, sends “Fire Walk Start” to central
station indicating start of test. Test events become “local
only.” Command center shows how many points are to
be tested.
Each time a device initiates an alarm, programmed point
text displays at command center and the fire bell rings
for 2 seconds. Automatic sensor reset feature allows
continued testing of devices without time consuming
trips to manually reset sensors. At the end of test,
command center displays the number of untested
points. You can also view point text for each untested
point.
Ending Fire Test Mode, sends “Fire Walk End” to the
central station receiver indicating end of test.
Combining Access Control with Security and Fire
Detection (D7412G/D9412G)
D9412G/D7412G combined systems can help prevent
false alarms making it easy to use one system that
controls access, security, and fire functions.
Access control features of D7412G/D9412G can deny
access during armed periods, grant access only to
certain authorized users depending whether an area is
master armed, perimeter armed or disarmed. Alarm
system can automatically disarm when designated
authorized users are granted access.
D7412G: Two (2) access doors; 75 detection
points; 396 Token/Users
D9412G: Eight (8) access doors; 246 detection
points; 996 Token/Users
D9210B Access Control Interface Module
Access is granted from Wiegand format readers or
Request to Enter/Exit devices when connected to the
D9210B.
Also provided are connections for door point, strike,
buzzer and enclosure tamper. (One D9210B required
per door).
Each access door can be configured independently
Door point controls access door and is part of alarm
system (door does not need double contacts)
Door contact can reset strike time when opened
Door contact can terminate entry buzzer (if used)
Door contact is shunted when valid access is
granted
Optional buzzer can trigger prior to end of door
shunt period, warning user a “door left open”
condition is about to occur
Door point can be configured to generate alarm or
trouble (or have no response) when door is left
open beyond shunt period
In addition to granting access, cards control
whether system will disarm along with granting
access
Door strike can release automatically during
disarmed periods, then automatically re-lock when
area is armed
Door can generate an alarm, trouble, (or have no
response) depending on area’s armed condition
when door is opened outside authorized access
period
REQUEST TO ENTER and REQUEST TO EXIT
can be programmed to shunt door without
activating strike
An option determines whether access granted, no
entry, request to enter, or request to exit messages
are sent to event log
RAM IV and RAM IV Lite
These account management and panel-programming
utilities allow computers equipped with the Microsoft
®
Windows
® operating system and a modem to act as a
remote programming, record storage, remote control
and troubleshooting tool for the D9412G/D7412G
Control/Communicators. To enhance the down/upload
capabilities RAM can be used in a TCP/IP and Dynamic
Host Communication Protocol (DHCP) configuration.


Similar Part No. - D192C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
D1911 WINGS-D1911 Datasheet
100Kb / 1P
   Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
logo
Sanyo Semicon Device
D1913 SANYO-D1913 Datasheet
34Kb / 4P
   60V/3A Low-Frequency Power Amplifier Applications
logo
Rohm
D1918 ROHM-D1918 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
D1933 ROHM-D1933 Datasheet
39Kb / 1P
   Power Transistor (-80V, -4A)
logo
Savantic, Inc.
D1941 SAVANTIC-D1941 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - D192C

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
   Torque Control (FOC), Velocity Control, Position Control
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
   Tone Control/Volume Control
M61503FP RENESAS-M61503FP Datasheet
157Kb / 14P
   Tone Control/Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com