Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3505 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3505
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3505 Datasheet(HTML) 2 Page - International Rectifier

  IR3505 Datasheet HTML 1Page - International Rectifier IR3505 Datasheet HTML 2Page - International Rectifier IR3505 Datasheet HTML 3Page - International Rectifier IR3505 Datasheet HTML 4Page - International Rectifier IR3505 Datasheet HTML 5Page - International Rectifier IR3505 Datasheet HTML 6Page - International Rectifier IR3505 Datasheet HTML 7Page - International Rectifier IR3505 Datasheet HTML 8Page - International Rectifier IR3505 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IR3505
Page 2 of 19
Mar 04
th, 2008
ORDERING INFORMATION
Part Number
Package
Order Quantity
IR3505MTRPBF
16 Lead MLPQ
(3 x 3 mm body)
3000 per reel
* IR3505MPBF
16 Lead MLPQ
(3 x 3 mm body)
100 piece strips
* Samples only
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed below may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications are not implied.
Operating Junction Temperature…………….. 0
oC to 150oC
Storage Temperature Range………………….-65
oC to 150oC
MSL Rating………………………………………2
Reflow Temperature…………………………….260
oC
Note:
1.
Maximum GATEH – SW = 8V
2.
Maximum BOOST – GATEH = 8V
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
ISHARE
8V
-0.3V
1mA
1mA
2
DACIN
3.3V
-0.3V
1mA
1mA
3
LGND
n/a
n/a
n/a
n/a
4
PHSIN
8V
-0.3V
1mA
1mA
5
PHSOUT
8V
-0.3V
2mA
2mA
6
CLKIN
8V
-0.3V
1mA
1mA
7
PGND
0.3V
-0.3V
5A for 100ns,
200mA DC
n/a
8
GATEL
8V
-0.3V DC, -5V for
100ns
5A for 100ns,
200mA DC
5A for 100ns,
200mA DC
9
VCCL
8V
-0.3V
n/a
5A for 100ns,
200mA DC
10
BOOST
34V
-0.3V
1A for 100ns,
100mA DC
3A for 100ns,
100mA DC
11
GATEH
34V
-0.3V DC, -5V for
100ns
3A for 100ns,
100mA DC
3A for 100ns,
100mA DC
12
SW
34V
-0.3V DC, -5V for
100ns
3A for 100ns,
100mA DC
n/a
13
VCC
18V
-0.3V
n/a
10mA
14
CSIN+
8V
-0.3V
1mA
1mA
15
CSIN-
8V
-0.3V
1mA
1mA
16
EAIN
8V
-0.3V
1mA
1mA


Similar Part No. - IR3505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3505ZMPBF IRF-IR3505ZMPBF Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3505ZMTRPBF IRF-IR3505ZMTRPBF Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com