Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD621GB-X007 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILD621GB-X007
Description  Optocoupler, Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD621GB-X007 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILD621GB-X007 Datasheet HTML 1Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 2Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 3Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 4Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 5Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 6Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 7Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 8Page - Vishay Siliconix ILD621GB-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 83654
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
3
ILD621/ILD621GB/ILQ621/ILQ621GB
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.01.151.3
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
40
pF
Thermal resistance, junction to lead
RTHJL
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector emitter leakage current
VCE = 24 V
ICEO
10
100
nA
ICEO
20
50
µA
Thermal resistance, junction to lead
RTHJL
500
K/W
COUPLER
Capacitance (input to output)
VIO = 0 V, f = 1.0 MHz
CIO
0.8
pF
Insulation resistance
VIO = 500 V
1012
Ω
Channel to channel insulation
500
VAC
Collector emitter saturation voltage
IF = 8.0 mA, ICE = 2.4 mA
ILD621
VCEsat
0.4
V
ILQ621
IF = 1.0 mA, ICE = 0.2 mA
ILD621GB
VCEsat
0.4
V
ILQ621GB
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Channel/channel
CTR match
IF = 5.0 mA, VCE = 5.0 V
CTRX/
CTRY
1 to 1
3 to 1
%
Current transfer ratio
(collector emitter
saturated)
IF = 1.0 mA, VCE = 0.4 V
ILD621
CTRCEsat
60
%
ILQ621
CTRCEsat
60
%
ILD621GB
CTRCEsat
30
%
ILQ621GB
CTRCEsat
30
%
Current transfer ratio
(collector emitter)
IF = 5.0 mA, VCE = 5.0 V
ILD621
CTRCE
50
80
600
%
ILQ621
CTRCE
50
80
600
%
ILD621GB
CTRCE
100
200
600
%
ILQ621GB
CTRCE
100
200
600
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
On time
IF = ± 10 mA, VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
ton
3.0
µs
Rise time
IF = ± 10 mA, VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tr
2.0
µs
Off time
IF = ± 10 mA, VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
toff
2.3
µs
Fall time
IF = ± 10 mA, VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tf
2.0
µs
Propagation H to L
IF = ± 10 mA, VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tPHL
1.1
µs
Propagation L to H
IF = ± 10 mA, VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tPLH
2.5
µs


Similar Part No. - ILD621GB-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD621GB-X007 VISHAY-ILD621GB-X007 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621GB-X007 VISHAY-ILD621GB-X007 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD621GB-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com