Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P15C48D12 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # P15C48D12
Description  15W DC-DC Converter P15C-Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P15C48D12 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  P15C48D12 Datasheet HTML 1Page - HY ELECTRONIC CORP. P15C48D12 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15W DC-DC Converter P15C-Series
Specifications
Input
Voltage range
24V type : 9 ... 36 VDC
48V type : 18 … 75 VDC
HV type : 20 … 72 VDC
Filter
π Pi type
Input surge voltage for
100mS max.
24V type : 50 VDC max.
48V type : 100 VDC max.
Remote CTRL
On: open or 3.5..12 VDC
Off : 0...1.2 VDC
Remote CTRL input current
-2.5mA
Remote CTRL input reference
-Input
Output
Power
15W max
Voltage accuracy
± 2%
Trim adjustment range
±10 %
Ripple and noise
(at 20 MHz BW)
5, 12, 15 V type: 75 mVp-p
110 V type: 100mVp-p
140 V type: 250mVp-p
Short circuit protection
Hiccup, automatics recovery
Line voltage regulation
± 0.5%
Load voltage regulation 10%
to full load
single: ± 1%
dual: ± 5%
110 V,140 V type: ± 1%
Transient response recovery time
500 µs at 25 % load chance
Temperature coefficient
± 0.02% / °C
Minimum load
10 % to maintain the
specified regulation
Dimensions
Derating
Pin connections
Pin
Single
Dual
1
+ Input
+ Input
2
- Input
- Input
4
CTRL
CTRL
5
No pin
+ Output
6
+ Output
Common
7
- Output
- Output
8
Trim
Trim
Page 2 of 2
General
Efficiency
See table
Switching frequency
300 kHz, typ.
Isolation voltage
1600 VDC
Isolation Resistance
10
9 Ω min.
Isolation Capacitance
300 pF, max.
MTBF
2x10
6 hrs
Standard in accordance with
EN60950, IEC60950, UL1950
Environmental
Operating temperature
-40 °C to +85 °C
(with derating)
Storage temperature
-55 °C to +105 °C
Maximum case temp.
+100 °C
Thermal impedance
10°C/W
8.24 °C/W with heat-sink 7G-0011A
Thermal shock
MIL-STD-810D
Vibration
2G, 10-55 Hz, 30 min., XYZ-axis
Humidity
5% to 95% RH
Cooling
Free-air convection
Physical
Dimensions
2 x 1.6 x 0.4 inches
50.8 x 40.6 x 10.4 mm
Weight
48 g
Case material
Nickel-coated copper
Potting material
Epoxy (UL94-V0)
Conducted & radiated emissions
EN55022 Level A
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstraße 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
Life Support Policy
: HY-LINE does not authorize the use of
any of its products for use in life support devices or systems
without the express written approval of an officer of the
Company. Life support systems are devices which support or
sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in significant
injury to the user.
Rev: 04 / 2005 f
All dimensions in inches (mm)
Pin Pitch tolerance ±0.014 (0.35)


Similar Part No. - P15C48D12

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P15C48D12 HY-LINE-P15C48D12 Datasheet
175Kb / 2P
   15W DC-DC Converter P15C-Series
Rev: 04 / 2005 f
More results

Similar Description - P15C48D12

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P15C24S05 HY-LINE-P15C24S05 Datasheet
175Kb / 2P
   15W DC-DC Converter P15C-Series
Rev: 04 / 2005 f
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
logo
HY-LINE Power Component...
P15B12S33 HY-LINE-P15B12S33 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
logo
STMicroelectronics
GS15T5-52 STMICROELECTRONICS-GS15T5-52 Datasheet
60Kb / 2P
   15W DC-DC CONVERTER FOR ECL
June 1994
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
LH15-10D0524-04 MORNSUN-LH15-10D0524-04 Datasheet
384Kb / 4P
   15W, AC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com