Electronic Components Datasheet Search |
|
NA555D Datasheet(PDF) 8 Page - Texas Instruments |
|
|
NA555D Datasheet(HTML) 8 Page - Texas Instruments |
8 / 27 page www.ti.com 5 4 2 1 0 9 3 5 6 7 8 9 10 11 7 6 8 SUPPLY CURRENT vs SUPPLY VOLTAGE 10 12 13 14 15 TA = 25°C TA = 125°C TA = −55°C Output Low, No Load VCC − Supply Voltage − V 1 0.995 0.990 0.985 0 5 10 1.005 1.010 NORMALIZED OUTPUT PULSE DURATION (MONOSTABLE OPERATION) vs SUPPLY VOLTAGE 1.015 15 20 VCC − Supply Voltage − V 1 0.995 0.990 0.985 −75 −25 25 1.005 1.010 NORMALIZED OUTPUT PULSE DURATION (MONOSTABLE OPERATION) vs FREE-AIR TEMPERATURE 1.015 75 125 TA − Free-Air Temperature − °C −50 0 50 100 VCC = 10 V 0 100 200 300 400 500 600 700 800 900 1000 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 Lowest Level of Trigger Pulse – ×VCC TA = 125°C TA = 70°C TA = 25°C TA = 0°C TA = –55°C PROPAGATION DELAY TIME vs LOWEST VOLTAGE LEVEL OF TRIGGER PULSE NA555, NE555, SA555, SE555 PRECISION TIMERS SLFS022G – SEPTEMBER 1973 – REVISED MARCH 2008 TYPICAL CHARACTERISTICS (continued) Data for temperatures below 0 °C and above 70°C are applicable for SE555 circuits only. Figure 5. Figure 6. Figure 7. Figure 8. 8 Submit Documentation Feedback Copyright © 1973–2008, Texas Instruments Incorporated Product Folder Link(s): NA555 NE555 SA555 SE555 |
Similar Part No. - NA555D |
|
Similar Description - NA555D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |