Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM1A69D25Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RAM1A69D25Z
Description  SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAM1A69D25Z Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RAM1A69D25Z Datasheet HTML 1Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 2Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 3Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 4Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications are subject to change without notice (28.02.2007)
RAM1...25
RAM...50
RAM1...75
RAM1...100
RAM...125
Rated operational current
AC51 @ Ta=25°C
25Arms
50Arms
75Arms
100Arms
125Arms
AC53a @ Ta=25°C
5Arms
15Arms
17Arms
20Arms
30Arms
Min. operational current
150mA
250mA
400mA
400mA
500mA
Rep. overload current t=1 s
< 55AACrms
< 125AACrms
< 130 AACrms
< 150 AACrms
< 200AACrms
Non-rep. surge current t=10 ms
325Ap
600Ap
800Ap
1150Ap
1900Ap
Off-state leakage current @
rated voltage and frequency
< 3mArms
< 3mArms
< 3mArms
< 3mArms
< 3mArms
I2t for fusing t= 10 ms
< 520A2s
< 1800A2s
< 3200A2s
< 6600A2s
<18000A2s
On-state voltage drop
≤ 1.6Vrms
≤ 1.6Vrms
≤ 1.6Vrms
≤ 1.6Vrms
≤ 1.6Vrms
Critical dV/dt off-state min.
1000V/µs
1000V/µs
1000V/µs
1000V/µs
1000V/µs
Input Specifications
RAM1A, RAM1B
Output Specifications
RAM1...D..
RAM1...A..
Control voltage range
RAM1A23...
3-32VDC
20-280VAC, 22-48VDC
RAM1A60..., RAM1A69...
4-32VDC
20-280VAC, 22-48VDC
RAM1B...
4-32VDC
-
Pick-up voltage @ Ta = 25˚C
RAM1A23...
2.5VDC
18VAC/DC
RAM1A60..., RAM1A69...
3.5VDC
18VAC/DC
RAM1B...
3.5VDC
-
Reverse voltage
32VDC
-
Drop out voltage
1.2VDC
6VAC/DC
Input current @ max input voltage
RAM1A
≤ 12mA
≤ 20mA
RAM1B
≤ 15mA
-
Response time pick-up
RAM1A
≤ 1/2 cycle
≤ 12ms
RAM1B
≤ 0.1ms
-
Response time drop-out
≤ 1/2 cycle
≤ 40ms
General Specifications
RAM1.23..
RAM1.60..
RAM1.69..
Operational voltage range
RAM1A...
24 to 265VACrms
42 to 660VACrms
42 to 760VACrms
RAM1B...
42 to 265VACrms
42 to 660VACrms
42 to 760VACrms
Blocking voltage
≥ 650V
p
≥ 1200V
p
≥ 1600V
p
Zero voltage turn-on
≤ 10V
≤ 10V
≤ 10V
Operational frequency range
45 to 65Hz
45 to 65Hz
45 to 65Hz
Power factor
> 0.5 @ 230VACrms
> 0.5 @ 600VACrms
> 0.5 @ 690VACrms
Approvals
UL, cUL, CSA, VDE*
UL, cUL, CSA, VDE*
-
CE-marking
Yes
Yes**
Yes**
* VDE0805
** Heatsink must be conected to ground


Similar Part No. - RAM1A69D25Z

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
   25째C, nominal input voltage and rated output current unless otherwise specified
logo
Mini-Circuits
RAM-1 MINI-RAM-1 Datasheet
198Kb / 4P
   Monolithic Amplifier
logo
Recom International Pow...
RAM-1205S RECOM-RAM-1205S Datasheet
108Kb / 2P
   25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-1A-10 SUNHOLD-RAM-1A-10 Datasheet
808Kb / 2P
   RAM SERIES
RAM-1A-12 SUNHOLD-RAM-1A-12 Datasheet
808Kb / 2P
   RAM SERIES
More results

Similar Description - RAM1A69D25Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com