Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS854054AGLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS854054AGLFT
Description  DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854054AGLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS854054AGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS854054AGLFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
854054AG
www.icst.com/products/hiperclocks.html
REV. A MARCH 29, 2006
6
Integrated
Circuit
Systems, Inc.
ICS854054
4:1
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
PARAMETER MEASUREMENT INFORMATION
PROPAGATION DELAY
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
OFFSET VOLTAGE
nQx
Qx
nQy
Qy
PART 1
PART 2
tsk(pp)
V
CMR
Cross Points
V
PP
GND
V
DD
SCOPE
Qx
nQx
LVDS
3.3V±5%
Power Supply
+
-
Float GND
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
t
PD
nPCLK0:3
PCLK0:3
nQ0
Q0
out
out
LVDS
DC Input
VOS/Δ VOS
V
DD
nPCLK0:3
PCLK0:3
DIFFERENTIAL OUTPUT VOLTAGE
100
out
out
LVDS
DC Input
VOD/Δ VOD
V
DD
INPUT SKEW
t
PD2
t
PD1
tsk(i) = |tPD1 - tPD2|
tsk(i)
Q
nQ
PCLK0
nPCLK0
PCLK1
nPCLK1


Similar Part No. - ICS854054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
   4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854058AG ICST-ICS854058AG Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
More results

Similar Description - ICS854054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85454-01 ICST-ICS85454-01 Datasheet
199Kb / 15P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS859S0424I RENESAS-ICS859S0424I Datasheet
1Mb / 25P
   4:4 Differential-to-LVPECL/LVDS Clock Multiplexer
OCTOBER 12, 2011
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
   4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
   2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com