Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ830-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNQ830-E
Description  QUAD CHANNEL HIGH SIDE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNQ830-E Datasheet HTML 2Page - STMicroelectronics VNQ830-E Datasheet HTML 3Page - STMicroelectronics VNQ830-E Datasheet HTML 4Page - STMicroelectronics VNQ830-E Datasheet HTML 5Page - STMicroelectronics VNQ830-E Datasheet HTML 6Page - STMicroelectronics VNQ830-E Datasheet HTML 7Page - STMicroelectronics VNQ830-E Datasheet HTML 8Page - STMicroelectronics VNQ830-E Datasheet HTML 9Page - STMicroelectronics VNQ830-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
VNQ830-E
6/21
ELECTRICAL CHARACTERISTICS (continued)
Table 8. Status Pin (Per each channel)
Table 9. Switching (Per each channel) (VCC=13V)
Table 10. Openload Detection (Per each channel)
Table 11. Logic Input (Per each channel)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT=1.6mA
0.5
V
ILSTAT
Status Leakage Current
Normal Operation; VSTAT=5V
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation; VSTAT=5V
100
pF
VSCL
Status Clamp Voltage
ISTAT=1mA
ISTAT=-1mA
66.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=6.5Ω from VIN rising edge to
VOUT=1.3V
30
µs
td(off)
Turn-off Delay Time
RL=6.5Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/dt(on) Turn-on Voltage Slope
RL=6.5Ω from VOUT=1.3V to
VOUT=10.4V
See
relative
diagram
V/
µs
dVOUT/dt(off) Turn-off Voltage Slope
RL=6.5Ω from VOUT=11.7V to
VOUT=1.3V
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOL
Openload ON State
Detection Threshold
VIN=5V
50
100
200
mA
tDOL(on)
Openload ON State
Detection Delay
IOUT=0A
200
µs
VOL
Openload OFF State
Voltage Detection
Threshold
VIN=0V
1.5
2.5
3.5
V
tDOL(off)
Openload Detection Delay
at Turn Off
1000
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current VIN=1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current VIN=3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
66.8
-0.7
8V
V


Similar Part No. - VNQ830-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ830 STMICROELECTRONICS-VNQ830 Datasheet
308Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ83013TR STMICROELECTRONICS-VNQ83013TR Datasheet
308Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
211Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ830M-E STMICROELECTRONICS-VNQ830M-E Datasheet
234Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
October 2004 Rev. 1
More results

Similar Description - VNQ830-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
   Quad channel high-side driver
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
   Quad channel high side driver
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
   Quad channel high-side driver
September 2013 Rev 4
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
   QUAD CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com