Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88153A-101 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB88153A-101
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88153A-101 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB88153A-101 Datasheet HTML 1Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 2Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 3Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 4Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 5Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB88153A-101 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DS04-29128-1Ea
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2007-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2007.6
Spread Spectrum Clock Generator
MB88153A
MB88153A-100/101/110/111
■ DESCRIPTION
MB88153A is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary (EMI)
can be attenuated by making the oscillation frequency slightly modulate periodically with the internal modulator.
It corresponds to both of the center spread which modulates input frequency as Middle Centered and down spread
which modulates so as not to exceed input frequency.
■ FEATURE
• Power down pin : 10
µA (Typ-sample) consumption current at power down
• Input frequency : 16.6 MHz to 134 MHz
• Output frequency : 16.6 MHz to 134 MHz (One-fold input frequency)
• Modulation rate can select from
± 0.5%, ± 1.5% − 1.0% or − 3.0%. (For center spread / down spread.)
• Modulation clock output Duty : 40
% to 60%
• Modulation clock Cycle-Cycle Jitter : Less than 100 ps
• Low current consumption by CMOS process : 4.0 mA (24 MHz : Typ-sample, no load)
• Power supply voltage : 3.3 V
± 0.3 V
• Operating temperature :
− 40 °C to +85 °C
• Package : 8-pin SOP


Similar Part No. - MB88153A-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88153A-101 FUJITSU-MB88153A-101 Datasheet
281Kb / 21P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88153A-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com