Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB356N6T Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB356N6T
Description  PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB356N6T Datasheet(HTML) 1 Page - Kingbright Corporation

  KB356N6T Datasheet HTML 1Page - Kingbright Corporation KB356N6T Datasheet HTML 2Page - Kingbright Corporation KB356N6T Datasheet HTML 3Page - Kingbright Corporation KB356N6T Datasheet HTML 4Page - Kingbright Corporation KB356N6T Datasheet HTML 5Page - Kingbright Corporation KB356N6T Datasheet HTML 6Page - Kingbright Corporation KB356N6T Datasheet HTML 7Page - Kingbright Corporation KB356N6T Datasheet HTML 8Page - Kingbright Corporation KB356N6T Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PHOTOCOUPLER
Part Number: KB356NT
SPEC NO: DSAD2840
REV NO: V.18
DATE: DEC/19/2007
PAGE: 1 OF 9
APPROVED : WYNEC
CHECKED: Tracy Deng
DRAWN: S.M.WU
ERP: 1205000037
UNIT : MM[INCH]
TOLERANCE :
±0.5[±0.02] UNLESS OTHERWISE NOTED.
*PACKAGE DIMENSIONS (UNIT:mm)
SMD Type
Features
1.High collector-emitter Voltage.
2.Opaque type,mini-flat package.
3.Subminiature type (The volume is smaller than that of our conventional DIP
type by as far as 30%).
4.Isolation voltage between input and output Viso:3750Vrms.
5.Employs double transfer mold technology.
6.Recognized by UL and CUL, file NO.E225308.
7.Approved by VDE 0884 Teil2(NO:40017614).
8.Packge : 1000Pcs / Reel.
9.RoHS Compliant.
Applications
1.Hybrid substrates that require high density mounting.
2.Programmable controllers.


Similar Part No. - KB356N6T

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3511 KINGBOR-KB3511 Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
KB3511A KINGBOR-KB3511A Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
KB3511B KINGBOR-KB3511B Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
KB354NT KINGBRIGHT-KB354NT Datasheet
150Kb / 7P
   High current transfer ratio.
More results

Similar Description - KB356N6T

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com